Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1034ACPZ-1-R7 Arkusz danych(PDF) 41 Page - Analog Devices

Numer części ADP1034ACPZ-1-R7
Szczegółowy opis  3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACPZ-1-R7 Arkusz danych(HTML) 41 Page - Analog Devices

Back Button ADP1034ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP1034ACPZ-1-R7 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
Data Sheet
ADP1034
OUTLINE DIMENSIONS
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 41 of 41
Figure 91. 41-Lead Lead Frame Chip Scale Package [LFCSP]
9 mm × 7 mm Body and 0.95 mm Package Height
(CP-41-1)
Dimensions shown in millimeters
Updated: September 21, 2021
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
ADP1034ACPZ-1-R7
-40°C to +125°C
41-Lead LFCSP (9mm x 7mm)
Reel, 750
CP-41-1
ADP1034ACPZ-1-U1
-40°C to +125°C
41-Lead LFCSP (9mm x 7mm)
Tray, 260
CP-41-1
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADP1034CP-1-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41