Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LPS27HHW Arkusz danych(PDF) 50 Page - STMicroelectronics

Numer części LPS27HHW
Szczegółowy opis  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Arkusz danych(HTML) 50 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 46Page - STMicroelectronics LPS27HHW Datasheet HTML 47Page - STMicroelectronics LPS27HHW Datasheet HTML 48Page - STMicroelectronics LPS27HHW Datasheet HTML 49Page - STMicroelectronics LPS27HHW Datasheet HTML 50Page - STMicroelectronics LPS27HHW Datasheet HTML 51Page - STMicroelectronics LPS27HHW Datasheet HTML 52Page - STMicroelectronics LPS27HHW Datasheet HTML 53Page - STMicroelectronics LPS27HHW Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Register description
LPS27HHW
50/60
DocID032730 Rev 1
9.10
FIFO_WTM (14h)
FIFO threshold setting register (R/W)
9.11
REF_P_L (15h)
Reference pressure LSB data (R)
The Reference pressure value is 16-bit data and it is composed of REF_P_H (16h) and
REF_P_L (15h). The value is expressed as 2’s complement.
The reference pressure value is stored and used when the AUTOZERO or AUTOREFP
function is enabled. Please refer to the INTERRUPT_CFG (0Bh) register description.
9.12
REF_P_H (16h)
Reference pressure MSB data (R)
7654
3
2
1
0
0
WTM6
WTM5
WTM4
WTM3
WTM2
WTM1
WTM0
WTM[6:0]
FIFO threshold. Watermark level setting. Default value: 0000000
76543210
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
REFL[7:0]
This register contains the low part of the reference pressure value.
Default value: 00000000
76543210
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
REFL[15:8] This register contains the high part of the reference pressure value.
Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com