Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LPS27HHW Arkusz danych(PDF) 15 Page - STMicroelectronics

Numer części LPS27HHW
Szczegółowy opis  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Arkusz danych(HTML) 15 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 11Page - STMicroelectronics LPS27HHW Datasheet HTML 12Page - STMicroelectronics LPS27HHW Datasheet HTML 13Page - STMicroelectronics LPS27HHW Datasheet HTML 14Page - STMicroelectronics LPS27HHW Datasheet HTML 15Page - STMicroelectronics LPS27HHW Datasheet HTML 16Page - STMicroelectronics LPS27HHW Datasheet HTML 17Page - STMicroelectronics LPS27HHW Datasheet HTML 18Page - STMicroelectronics LPS27HHW Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
DocID032730 Rev 1
15/60
LPS27HHW
Functionality
60
4.4
Device structure
The LPS27HHW has a unique cylindrical package solution with a full metal lid assembled on
ceramic substrate and this cylindrical package provides an easy assembly with O-rings in
the end user’s application.
Figure 6. LPS27HHW internal structure
This structure (Figure 6) is designed and verified to resist water pressure up to 10 ATM and
the potting gel in the LPS27HHW has been proven to protect electronic components from
long-term exposure to harsh environments such as water mixed with chlorine, bromine,
commercial washing detergent and fuels, solvents and chemicals. It also provides excellent
low-stress encapsulation performance for sensitive electronic components from severe
environmental conditions such as high temperature and humidity, refer to the properties of
the gel which are given in the following table.
Table 9. Potting gel properties
Properties
Potting gel
Permeability g/m2·24 hr
7
Hardness (penetration) based on ASTM D1403
70
Ultra-low Young's modulus
Less than 0.01 GPa
TCE (Thermal Coefficient of Expansion)
300 ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com