Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LPS27HHW Arkusz danych(PDF) 20 Page - STMicroelectronics

Numer części LPS27HHW
Szczegółowy opis  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Arkusz danych(HTML) 20 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 16Page - STMicroelectronics LPS27HHW Datasheet HTML 17Page - STMicroelectronics LPS27HHW Datasheet HTML 18Page - STMicroelectronics LPS27HHW Datasheet HTML 19Page - STMicroelectronics LPS27HHW Datasheet HTML 20Page - STMicroelectronics LPS27HHW Datasheet HTML 21Page - STMicroelectronics LPS27HHW Datasheet HTML 22Page - STMicroelectronics LPS27HHW Datasheet HTML 23Page - STMicroelectronics LPS27HHW Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
FIFO
LPS27HHW
20/60
DocID032730 Rev 1
5.2
FIFO mode
In FIFO mode (FIFO_CTRL (13h)(TRIG_MODES and F_MODE[1:0] = ‘001’) data from the
output PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah),
TEMP_OUT_L (2Bh), and TEMP_OUT_H (2Ch) are stored in the FIFO until it is full.
To reset FIFO content, in order to select Bypass mode the value '000' must be written in
FIFO_CTRL (13h)(TRIG_MODE & F_MODE[1:0]). After this reset command it is possible to
restart FIFO mode by writing the value '001' in FIFO_CTRL (13h)(TRIG_MODE &
F_MODE[1:0]).
The FIFO buffer memorizes 128 levels of data, but the depth of the FIFO can be
resized/reduced by setting the FIFO_CTRL (13h)(STOP_ON_WTM) bit. If the
STOP_ON_WTM bit is set to '1', FIFO depth is limited to FIFO_WTM (14h)(WTM[6:0]) data.
Figure 10. FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com