Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LPS27HHW Arkusz danych(PDF) 41 Page - STMicroelectronics

Numer części LPS27HHW
Szczegółowy opis  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Arkusz danych(HTML) 41 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 37Page - STMicroelectronics LPS27HHW Datasheet HTML 38Page - STMicroelectronics LPS27HHW Datasheet HTML 39Page - STMicroelectronics LPS27HHW Datasheet HTML 40Page - STMicroelectronics LPS27HHW Datasheet HTML 41Page - STMicroelectronics LPS27HHW Datasheet HTML 42Page - STMicroelectronics LPS27HHW Datasheet HTML 43Page - STMicroelectronics LPS27HHW Datasheet HTML 44Page - STMicroelectronics LPS27HHW Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
DocID032730 Rev 1
41/60
LPS27HHW
Register description
60
Figure 25. “Threshold-based” interrupt event
To enable the AUTOZERO mode, the AUTOZERO bit must be set to '1' and then the
measured pressure value is used as the reference and stored in the register REF_P
(REF_P_L (15h), REF_P_H (16h)). From this point on, the output pressure value
(PRESS_OUT_XL (28h), PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) is updated with
the difference between the measured pressure and REF_P.
P_DIFF_IN = measured pressure - REF_P
PRESS_OUT = measured pressure - REF_P
After the first conversion, the AUTOZERO bit is automatically set back to '0'. In order to
return back to normal mode, the RESET_AZ bit in the INTERRUPT_CFG (0Bh) register has
to be set to '1'. This also resets the content of the REF_P registers to 0.
AUTOREFP mode allows using the pressure differential for the generation of the interrupt
keeping the output pressure registers PRESS_OUT (PRESS_OUT_XL (28h),
PRESS_OUT_L (29h), PRESS_OUT_H (2Ah)) without comparing REF_P. If the
AUTOREFP bit is set to '1', the measured output pressure is used as the reference in the
register REF_P (REF_P_L (15h), REF_P_H (16h)) for interrupt generation with following:
P_DIFF_IN = measured pressure - REF_P
The output registers PRESS_OUT (28h, 29h and 2Ah) are not changed by REF_P and
shows as follows.
PRESS_OUT = measured pressure
After the first conversion, the AUTOREFP bit is automatically set to '0'. In order to return
back to normal mode, the RESET_ARP bit has to be set to '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com