Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJM320A Arkusz danych(PDF) 2 Page - New Japan Radio

Numer części NJM320A
Szczegółowy opis  Low power single channel OP-Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM320A Arkusz danych(HTML) 2 Page - New Japan Radio

  NJM320A Datasheet HTML 1Page - New Japan Radio NJM320A Datasheet HTML 2Page - New Japan Radio NJM320A Datasheet HTML 3Page - New Japan Radio NJM320A Datasheet HTML 4Page - New Japan Radio NJM320A Datasheet HTML 5Page - New Japan Radio NJM320A Datasheet HTML 6Page - New Japan Radio NJM320A Datasheet HTML 7Page - New Japan Radio NJM320A Datasheet HTML 8Page - New Japan Radio NJM320A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NJM320A/NJM321A
- 2 -
Ver.01
2
Absolute maximum ratings and operating conditions
Table1. Absolute maximum ratings
(Tamb=25ºC)
Symbol
Parameter
RATINGS
Unit
VCC
Supply voltage (VCC
+ - VCC-)
32
V
VIN
Input voltage
(1)
Vcc
- -0.3 to Vcc- +32
V
Vo
Output Terminal Input Voltage
Vcc
- -0.3 to Vcc+ +0.3
V
VID
Differential input voltage
±32
V
IIN
Input current
(2)
5mA in DC or 50mA in AC
mA
(duty cycle = 10%, T=1s)
Tstg
Storage temperature range
-65 to +150
ºC
Tj
Maximum junction temperature
150
ºC
PD
Power Dissipation
SOT-23-5 :480
(4), 650(5)
SC88A
360
(4), 490(5)
DFN6-G1 :330
(6), 1200(7)
mW
θja
Thermal resistance junction to ambient
(3)
SOT-23-5 :260
(4), 195(5)
SC88A
355
(4), 260(5)
DFN6-G1 :385
(6), 110(7)
ºC /W
ψjt
Thermal resistance junction to top surface of IC package
(3)
SOT-23-5 :68
(4), 58(5)
SC88A :91
(4), 74(5)
DFN6-G1 :65
(6), 26(7)
ºC /W
1. Input voltage is the voltage should be allowed to apply to the input terminal independent of the magnitude of VCC
+
The normal amplifier operation input voltage is within “Common Mode Input Voltage Range” specified in the Electrical characteristics.
2. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-vase junction of
the input PNP transistor becoming forward-biased and thereby acting as input diode clamp. In addition to this diode action, there is NPN parasitic
action on the IC chip. This transistor action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for
a large overdrive) for the time during which an input is driven negative.
3. Short-circuit can cause excessive heating and destructive dissipation. Values are typical.
4. Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers FR4)
5.Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers FR4), internal Cu area: 74.2 x 74.2mm
6.Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 2Layers FR-4, with Exposed Pad)
7.Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 4Layers FR-4, with Exposed Pad)
*For 4Layers:Applying 99.5×99.5mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5
. Table2. Operating conditions
Tamb=25ºC
Symbol
Parameter
Value
Unit
VCC
Supply voltage (VCC
+ - VCC-)
3 to 32
V
Toper
Operating free-air temperature range
-40 to +125
°C
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com