Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJM320A Arkusz danych(PDF) 4 Page - New Japan Radio

Numer części NJM320A
Szczegółowy opis  Low power single channel OP-Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM320A Arkusz danych(HTML) 4 Page - New Japan Radio

  NJM320A Datasheet HTML 1Page - New Japan Radio NJM320A Datasheet HTML 2Page - New Japan Radio NJM320A Datasheet HTML 3Page - New Japan Radio NJM320A Datasheet HTML 4Page - New Japan Radio NJM320A Datasheet HTML 5Page - New Japan Radio NJM320A Datasheet HTML 6Page - New Japan Radio NJM320A Datasheet HTML 7Page - New Japan Radio NJM320A Datasheet HTML 8Page - New Japan Radio NJM320A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NJM320A/NJM321A
- 4 -
Ver.01
Table3. VCC
+ = +5V, VCC- = 0V, Tamb = +25˚C , (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Isource
Output source current
20
40
-
mA
VCC
+ = 15V, VO = +2V, Vid = +1V
Isink
Output sink current
VCC
+ = 15V, Vo = +2V, Vid = -1V
10
20
-
mA
VCC
+ = 15V, Vo = +0.2V, Vid = -1V
12
50
-
µA
VOH
High level output voltage(VCC
+ = 30V)
V
Tamb = 25℃,RL = 2kΩ
26
27
-
0 ºC ≤ Tamb ≤ 70 ºC
(5) ,RL = 2kΩ
26
-
-
Tamb = 25℃,RL = 10kΩ
27
28
-
0 ºC ≤ Tamb ≤ 70 ºC
(5) ,RL = 10kΩ
27
-
-
VOL
Low level output voltage
mV
Tamb = 25℃,RL = 10kΩ
-
5
20
0 ºC ≤ Tamb ≤ 70 ºC
(5) ,RL = 10kΩ
-
-
20
SR
Slew rate
-
0.6
-
V/µs
VCC
+ = 15V, Vi=0.5 to 3V, RL = 2kΩ,
CL = 100pF, unity gain
GBP
Gain bandwidth product
-
1.1
-
MHz
VCC
+ = 30V, f = 100kHz, Vin=10mV,
RL = 2kΩ, CL = 100pF
THD
Total harmonic distortion
-
0.02
-
%
f = 1kHz, AV=20dB, RL = 2kΩ, VO = 2Vpp,
CL = 100pF
en
Equivalent input noise voltage
-
30
-
nV/√Hz
f = 1kHz, RS=100Ω, VCC
+ = 30V
1. VO = 1.4V, RS=0Ω, 5V < VCC
+ < 30V, 0 < Vic < VCC+ - 1.5V.
2. The direction of the input current is out of the IC.
3. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is VCC
+ - 1.5V, but either or both inputs can go to +32V without damage.
4. Due to the proximity of external components, ensure that stray capacitance between these external parts dose not cause coupling.
5. This parameter is not 100% test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com