Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJM320A Arkusz danych(PDF) 3 Page - New Japan Radio

Numer części NJM320A
Szczegółowy opis  Low power single channel OP-Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM320A Arkusz danych(HTML) 3 Page - New Japan Radio

  NJM320A Datasheet HTML 1Page - New Japan Radio NJM320A Datasheet HTML 2Page - New Japan Radio NJM320A Datasheet HTML 3Page - New Japan Radio NJM320A Datasheet HTML 4Page - New Japan Radio NJM320A Datasheet HTML 5Page - New Japan Radio NJM320A Datasheet HTML 6Page - New Japan Radio NJM320A Datasheet HTML 7Page - New Japan Radio NJM320A Datasheet HTML 8Page - New Japan Radio NJM320A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJM320A/NJM321A
- 3 -
Ver.01
3
Electrical characteristics
Table3. VCC
+ = +5V, VCC- = 0V, Tamb = 25˚C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
(1)
mV
Tamb = 25℃
-
0.5
2.5
0 ºC ≤ Tamb ≤ 70 ºC
(5)
-
-
4
DVio
Input offset voltage drift
0 ºC ≤ Tamb ≤ 70 ºC
(5)
-
5
30
µV/ºC
Iio
Input offset current
nA
Tamb = 25℃
0 ºC ≤ Tamb ≤ 70 ºC
(5)
-
-
2
-
30
40
DIio
Input offset current drift
0 ºC ≤ Tamb ≤ 70 ºC
(5)
-
-
300
pA/ºC
Iib
Input bias current
(2)
Tamb = 25℃
-
20
150
nA
0 ºC ≤ Tamb ≤ 70 ºC
(5)
-
-
200
Avd
Large signal voltage gain
(VCC
+ = +15V, RL=2kΩ, Vo=1.4V to 11.4V)
V/mV
Tamb = 25℃
50
100
-
0 ºC ≤ Tamb ≤ 70 ºC
(5)
25
-
-
SVR
Supply voltage rejection ratio(VCC
+ = 5V to 30V, Rs<10kΩ)
dB
Tamb = 25℃
65
100
-
0 ºC ≤ Tamb ≤ 70 ºC
(5)
65
-
-
ICC
Supply current, all amp, no load
mA
VCC
+ = 5V
0 ºC ≤ Tamb ≤ 70 ºC
(5)
-
0.45
0.7
VCC
+ = 30V
0 ºC ≤ Tamb ≤ 70 ºC
(5)
-
-
1
Vicm
Input common mode voltage range(VCC
+ = +30V (3))
V
Tamb = 25 ºC
0
-
VCC
+ - 1.5
0 ºC ≤ Tamb ≤ 70 ºC
(5)
0
-
VCC
+ - 2
CMR
Common mode rejection ratio(RS < 10kΩ)
dB
Tamb = 25℃
70
100
-
0 ºC ≤ Tamb ≤ 70 ºC
(5)
60
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com