Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJM320A Arkusz danych(PDF) 8 Page - New Japan Radio

Numer części NJM320A
Szczegółowy opis  Low power single channel OP-Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM320A Arkusz danych(HTML) 8 Page - New Japan Radio

Back Button NJM320A Datasheet HTML 3Page - New Japan Radio NJM320A Datasheet HTML 4Page - New Japan Radio NJM320A Datasheet HTML 5Page - New Japan Radio NJM320A Datasheet HTML 6Page - New Japan Radio NJM320A Datasheet HTML 7Page - New Japan Radio NJM320A Datasheet HTML 8Page - New Japan Radio NJM320A Datasheet HTML 9Page - New Japan Radio NJM320A Datasheet HTML 10Page - New Japan Radio NJM320A Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJM320A/NJM321A
- 8 -
Ver.01
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
CMR vs. Temperature
VCC+=30V, VCC-=0V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
35
40
Supply Voltage:VCC+ [V]
Supply Current vs. Supply Voltage
VCC-=0V, RL=OPEN
Ta=125ºC
Ta=25ºC
Ta=-40ºC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
Supply Current vs. Temperture
VCC-=0V, RL=OPEN
VCC+=30V
VCC+=5V
VCC+=3V
0
50
100
1
10
100
1k
Frequency [Hz]
Voltage Noise vs. Frequency
VCC+=5V,VCC-=0V, GV=40dB,RF=10kΩ,Ta=25ºC
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
Open-Loop Voltage Gain vs. Temperature
VCC+=15V, RL=2kΩ to VCC+/2, VO=1.4V to 11.4V,VCOM=VCC+/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com