Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLV165BMPWREP Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części PCLV165BMPWREP
Szczegółowy opis  SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCLV165BMPWREP Arkusz danych(HTML) 2 Page - Texas Instruments

  PCLV165BMPWREP Datasheet HTML 1Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 2Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 3Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 4Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 5Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 6Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 7Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 8Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 Timing Requirements, VCC = 2.5 V ± 0.2 V.................6
6.7 Timing Requirements, VCC = 3.3 V ± 0.3 V.................6
6.8 Timing Requirements, VCC = 5 V ± 0.5 V....................7
6.9 Switching Characteristics, VCC = 2.5 V ± 0.2 V...........8
6.10 Switching Characteristics, VCC = 3.3 V ± 0.3 V.........8
6.11 Switching Characteristics, VCC = 5 V ± 0.5 V............8
6.12 Operating Characteristics......................................... 8
6.13 Typical Characteristics.............................................. 9
7 Parameter Measurement Information.......................... 10
8 Detailed Description...................................................... 11
8.1 Overview................................................................... 11
8.2 Functional Block Diagram......................................... 11
8.3 Feature Description...................................................11
8.4 Device Functional Modes..........................................12
9 Application and Implementation.................................. 13
9.1 Application Information............................................. 13
9.2 Typical Application.................................................... 13
9.3 Power Supply Recommendations.............................15
9.4 Layout....................................................................... 16
10 Device and Documentation Support..........................17
10.1 Related Documentation.......................................... 17
10.2 Receiving Notification of Documentation Updates..17
10.3 Support Resources................................................. 17
10.4 Trademarks.............................................................17
10.5 Electrostatic Discharge Caution..............................17
10.6 Glossary..................................................................17
11 Mechanical, Packaging, and Orderable
Information.................................................................... 17
11.1 Mechanical Data..................................................... 18
11.2 Tape and Reel Information...................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
January 2023
*
Initial Release
SN74LV165B-EP
SCES954 – JANUARY 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN74LV165B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com