Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLV165BMPWREP Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części PCLV165BMPWREP
Szczegółowy opis  SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCLV165BMPWREP Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button PCLV165BMPWREP Datasheet HTML 2Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 3Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 4Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 5Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 6Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 7Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 8Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 9Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted).
PARAMETER
VCC
MIN
TYP
MAX
UNIT
VOH
IOH = –50 mA
2 V to 5.5 V
VCC – 0.1
V
IOH = –2 mA
2.3 V
2
IOH = –6 mA
3 V
2.48
IOH = –12 mA
4.5 V
3.8
VOL
IOL = 50 mA
2 V to 5.5 V
0.1
V
IOL = 2 mA
2.3 V
0.4
IOL = 6 mA
3 V
0.44
IOL = 12 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 V to 5.5 V
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
20
µA
Ioff
VI or VO = 0 to 5.5 V
0 V
5
µA
Ci
VI = VCC or GND
3.3 V
1.7
pF
6.6 Timing Requirements, VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 7-1)
PARAMETER
TEST CONDITION
25°C
–55°C to 125°C
UNIT
MIN
MAX
MIN
MAX
tw
Pulse duration
CLK high or low
8.5
9
ns
SH/ LD low
11
13
tsu
Setup time
SH/ LD high before CLK↑
7
8.5
ns
SER before CLK↑
8.5
9.5
CLK INH before CLK↑
7
7
Data before SH/ LD↑
11.5
12
th
Hold time
SER data after CLK↑
-1
0
ns
Parallel data after SH/ LD↑
0
0
SH/ LD high after CLK↑
0
0
6.7 Timing Requirements, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 7-1)
PARAMETER
TEST CONDITION
25°C
–55°C to 125°C
UNIT
MIN
MAX
MIN
MAX
tw
Pulse duration
CLK high or low
6
7
ns
SH/ LD low
7.5
9
tsu
Setup time
SH/ LD high before CLK↑
5
6
ns
SER before CLK↑
5
6
CLK INH before CLK↑
5
5
Data before SH/ LD↑
7.5
8.5
th
Hold time
SER data after CLK↑
0
0
ns
Parallel data after SH/ LD↑
0.5
0.5
SH/ LD high after CLK↑
0
0
SN74LV165B-EP
SCES954 – JANUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN74LV165B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com