Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLV165BMPWREP Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części PCLV165BMPWREP
Szczegółowy opis  SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCLV165BMPWREP Arkusz danych(HTML) 1 Page - Texas Instruments

  PCLV165BMPWREP Datasheet HTML 1Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 2Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 3Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 4Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 5Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 6Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 7Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 8Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift
Registers
1 Features
• 2 V to 5.5 V VCC operation
• Maximum tpd of 10.5 ns at 5 V
• Supports mixed-mode voltage operation on all
ports
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 250 mA per JESD
17
• Operating ambient temperature: -55°C to +125°C
• Supports defense, aerospace, and medical
applications:
– Controlled baseline
– One assembly and test site
– One fabrication site
– Extended product life cycle
– Extended product-change notification
– Product traceability
2 Applications
• Increase the number of inputs on a microcontroller
3 Description
The SN74LV165B-EP device is a parallel-load, 8-bit
shift registers designed for 2 V to 5.5 V VCC operation.
When the device is clocked, data is shifted toward the
serial output QH. Parallel-in access to each stage is
provided by eight individual direct data inputs that are
enabled by a low level at the shift/load (SH/ LD) input.
The SN74LV165B-EP devices features a clock-inhibit
function and a complemented serial output, Q H.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the devices when they are powered down.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LV165B-EP PW (TSSOP, 16)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
SH/LD
SER
CLK INH
CLK
A
D
S
R
Q
B
D
S
R
Q
5 Additional
Shift Register
Stages
C
D
E
F
G
H
D
S
R
Q
Q
QH
QH
Logic Diagram (Positive Logic)
SN74LV165B-EP
SCES954 – JANUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Podobny numer części - PCLV165BMPWREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PCLV165BMPWREP TI1-PCLV165BMPWREP Datasheet
850Kb / 25P
SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
REVISED AUGUST 2023
More results

Podobny opis - PCLV165BMPWREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV14B-EP TI1-SN74LV14B-EP Datasheet
713Kb / 19P
SN74LV14B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Hex Schmitt-Trigger Inverters
AUGUST 2023
SN74LV165B-EP TI1-SN74LV165B-EP_V01 Datasheet
850Kb / 25P
SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
REVISED AUGUST 2023
SN74LV393B-EP TI1-SN74LV393B-EP Datasheet
755Kb / 21P
SN74LV393B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Dual 4-Bit Binary Counter
AUGUST 2023
SN74LV595B-EP TI1-SN74LV595B-EP Datasheet
893Kb / 26P
SN74LV595B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, 8-bit Shift Register With 3-State Outputs
AUGUST 2023
SN74HC165B-EP TI1-SN74HC165B-EP Datasheet
844Kb / 23P
SN74HC165B-EP Enhanced Product, 5-V, Parallel-Load 8-Bit Shift Registers
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com