Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCLV165BMPWREP Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części PCLV165BMPWREP
Szczegółowy opis  SN74LV165B-EP Enhanced Product, 2-V to 5.5-V, Low-Noise, Parallel-Load 8-Bit Shift Registers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PCLV165BMPWREP Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button PCLV165BMPWREP Datasheet HTML 4Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 5Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 6Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 7Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 8Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 9Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 10Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 11Page - Texas Instruments PCLV165BMPWREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
6.9 Switching Characteristics, VCC = 2.5 V ± 0.2 V
over operating free-air temperature range (unless otherwise noted), (see Figure 7-1)
PARAMETE
R
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAP
25°C
–55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
fmax
CL = 15 pF
50
80
45
MHz
CL = 50 pF
40
65
35
tpd
CLK
QH or Q
CL = 15 pF
12.2
19.8
1
22
ns
SH/ LD
13.1
21.5
1
23.5
H
12.9
21.7
1
24
tpd
CLK
QH or Q
CL = 50 pF
15.3
23.3
1
26
ns
SH/ LD
16.1
25.1
1
28
H
15.9
25.3
1
28
6.10 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over operating free-air temperature range (unless otherwise noted), (see Figure 7-1)
PARAMETE
R
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAP
25°C
–55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
fmax
CL = 15 pF
65
115
55
MHz
CL = 50 pF
60
90
50
tpd
CLK
QH or Q
CL = 15 pF
8.6
15.4
1
18
ns
SH/ LD
9.1
15.8
1
18.5
H
8.9
14.1
1
16.5
tpd
CLK
QH or Q
CL = 50 pF
10.9
14.9
1
16.9
ns
SH/ LD
11.3
19.3
1
22
H
11.1
17.6
1
20
6.11 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted), (see Figure 7-1)
PARAMETE
R
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAP
25°C
–55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
fmax
CL = 15 pF
110
165
90
MHz
CL = 50 pF
95
125
85
tpd
CLK
QH or Q
CL = 15 pF
6
9.9
1
11.5
ns
SH/ LD
6
9.9
1
11.5
H
6
9.9
1
10.5
tpd
CLK
QH or Q
CL = 50 pF
7.7
11.9
1
13.5
ns
SH/ LD
7.7
11.9
1
13.5
H
7.6
11
1
12.5
6.12 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF
f = 10 MHz
3.3 V
36.1
pF
5 V
37.5
SN74LV165B-EP
SCES954 – JANUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN74LV165B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com