| Zakładka z wyszukiwarką danych komponentów |
|
MB90F474LPF Arkusz danych(PDF) 20 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPF Arkusz danych(HTML) 20 Page - fujitsu semiconductor |
|
20 / 118 page ![]() MB90470 Series 20 s MEMORY MAP * : In models where address 2# coincides with 004000H, there is no external area. The image of FF bank ROM is reflected in the top of the 00 bank, for greater efficiency in using the C compiler for small models. The lower 16-bit address on the FF bank is the same as the lower 16-bit address on the 00 bank, so that it is possible to reference tables in ROM without using the pointer for a far specification. For example, when accessing 00C000H, it is actually the content of ROM at FFC000H that is accessed. Here, because the ROM area on the FF bank exceeds 48 KB, it is not possible to view the entire area in the image on the 00 bank. Therefore, the image from FF4000H to FFFFFFH is visible on the 00 bank, and FF0000H to FF3FFFH is visible only on the FF bank. Model Address 1# Address 2# MB90473 FE0000H 002900H MB90474 FC0000H 004000H MB90477/478 FC0000H 002100H MB90F474 FC0000H 004000H MB90V470 (FC0000H) 004000H FFFFFFH Address 1# Address 2# 010000H 004000H 000100H 0000D0H 000000H : Internal : External : Access not available RAM RAM Single chip Internal ROM external bus ROM area ROM area ROM area FF bank image ROM area FF bank image External ROM external bus Peripheral Peripheral Peripheral RAM Register Register Register * |