| Zakładka z wyszukiwarką danych komponentów |
|
BLUENRG-332VC Arkusz danych(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-332VC Arkusz danych(HTML) 54 Page - STMicroelectronics |
|
54 / 67 page ![]() Table 44. VFQFPN32 - Mechanical data Symbol Millimetres Inches(1) Min Typ Max Min Typ Max A(2) 0.80 0.90 1.00 0.0315 0.0354 0.0394 A1 0 - 0.05 0 - 0.0020 A3 - 0.20 - - 0.008 - b 0.18 0.25 0.30 0.0070 0.0098 0.0118 D 4.90 5.00 5.10 0.1929 0.19 0.2008 E 4.90 5.00 5.10 0.1929 0.19 0.2008 D2 3.60 3.70 3.80 0.1417 0.1457 0.1496 E2 3.60 3.70 3.80 0.1417 0.1457 0.1496 e - 0.50 - - 0.0197 - L 0.30 0.40 0.50 0.0118 0.0157 0.0197 ddd - - 0.05 - - 0.0020 1. Values in inches are converted from mm and rounded to 3 decimal digits. 2. VFQFPN stands for thermally Enhanced very thin fine pitch quad flat package No lead . Very thin profile 0.80 < A ≤ 1.00 mm. Figure 19. VFQFPN32 - Footprint example 3.50 0.80 0.25 0.50 0.25 3.50 5.70 4.10 0.30 BlueNRG-LPS VFQFPN32 package information DS13819 - Rev 4 page 54/67 |