| Zakładka z wyszukiwarką danych komponentów |
|
EB632 Arkusz danych(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EB632 Arkusz danych(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 112 page ![]() CPM Functional Differences Between MSC8101 (Mask 2K42A) and MSC8103 (Mask 2K87M), Rev. 2 Freescale Semiconductor 41 14.2.2 2K87M Mask Set Dual-Port RAM Memory Map Figure 12 shows the MSC8103 2K87M mask set memory map of the dual-port RAM. 14.3 IMA Functionality IMA functionality is similar to the updated functionality described in MPC8266AUMAD/D for updates to the MPC826x product family. This document can be accessed from the Freescale website listed on the back page of this document. 14.4 TSA Changes The 2K87M mask set adds functionality required to support the new ATM transmission convergence (TC) layer added to the communications processor module (CPM) in the time-slot assigner (TSA). This functionality can only be configured and used by the fast communications controller 2 (FCC2) for ATM interfaces using the IMA functionality. Figure 12. 2K87M Mask Set 32 KB Dual-Port RAM Memory Map BD/Data/µCode 2 KB Bank #1 0x0000 BD/Data/µCode 2 KB Bank #2 0x0800 BD/Data/µCode 2 KB Bank #3 0x1000 BD/Data/µCode 2 KB Bank #4 0x1800 BD/Data/µCode 2 KB Bank #5 0x2000 BD/Data/µCode 2 KB Bank #6 0x2800 BD/Data 2 KB Bank #7 0x3000 BD/Data 2 KB Bank #8 0x3800 Parameter RAM 2 KB Bank #9 0x8000 Parameter RAM 2 KB Bank #10 0x8800 BD/Data/µCode 2 KB Bank #11 0x9000 BD/Data/µCode 2 KB Bank #1 BD/Data/µCode 2 KB Bank #1 BD/Data/µCode 2 KB Bank #1 FCC Data 2 KB Bank #11 0xB000 FCC Data 2 KB Bank #12 0xB800 Reserved (Partially Reserved) Microcode 2 KB Bank #13 0x4000 Microcode 2 KB Bank #14 0x4800 Microcode 2 KB Bank #15 0x5000 Microcode 2 KB Bank #16 0x5800 0x6000 Reserved |