Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L010RB Arkusz danych(PDF) 54 Page - STMicroelectronics

Numer części STM32L010RB
Szczegółowy opis  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB Arkusz danych(HTML) 54 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 50Page - STMicroelectronics STM32L010RB Datasheet HTML 51Page - STMicroelectronics STM32L010RB Datasheet HTML 52Page - STMicroelectronics STM32L010RB Datasheet HTML 53Page - STMicroelectronics STM32L010RB Datasheet HTML 54Page - STMicroelectronics STM32L010RB Datasheet HTML 55Page - STMicroelectronics STM32L010RB Datasheet HTML 56Page - STMicroelectronics STM32L010RB Datasheet HTML 57Page - STMicroelectronics STM32L010RB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
Electrical characteristics
STM32L010RB
54/89
DS12319 Rev 3
6.3.5
Wakeup time from low-power mode
The wakeup times given in the following table are measured with the MSI or HSI16 RC
oscillator. The clock source used to wake up the device depends on the current operating
mode:
Sleep mode: the clock source is the clock that was set before entering Sleep mode
Stop mode: the clock source is either the MSI oscillator in the range configured before
entering Stop mode, the HSI16 or HSI16/4.
Standby mode: the clock source is the MSI oscillator running at 2.1 MHz
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 15.
Table 30. Peripheral current consumption in Stop and Standby mode
Symbol
Peripheral
Typical consumption, TA = 25 °C
Unit
VDD =1.8 V
VDD =3.0 V
IDD(BOR)
-0.7
1.2
µA
IREFINT
-1.25
1.7
-
LSE low drive(1)
0.11
0.16
-LPTIM1(2), input 100 Hz
0.01
0.02
-
LPTIM1, input 1 MHz
11
12
-
LPUART1
0.025
0.5
-
RTC
0.16
0.3
1. LSE low drive consumption is the difference between an external clock on OSC32_IN and a quartz between
OSC32_IN and OSC32_OUT.
2. LPTIM peripheral cannot operate in Standby mode.
Table 31. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup from Sleep mode
fHCLK = 32 MHz
7
8
CPU
cycles
tWUSLEEP_LP
Wakeup from Low-power sleep mode,
fHCLK = 262 KHz
fHCLK = 262 KHz
Flash enabled
78
fHCLK = 262 KHz
Flash switched OFF
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com