Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUW12F Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części BUW12F
Szczegółowy opis  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW12F Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button BUW12F Datasheet HTML 2Page - NXP Semiconductors BUW12F Datasheet HTML 3Page - NXP Semiconductors BUW12F Datasheet HTML 4Page - NXP Semiconductors BUW12F Datasheet HTML 5Page - NXP Semiconductors BUW12F Datasheet HTML 6Page - NXP Semiconductors BUW12F Datasheet HTML 7Page - NXP Semiconductors BUW12F Datasheet HTML 8Page - NXP Semiconductors BUW12F Datasheet HTML 9Page - NXP Semiconductors BUW12F Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Aug 14
6
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW12F; BUW12AF
Fig.3 Transient thermal impedance.
handbook, full pagewidth
MGB866
10
10−1
10−2
10−3
10−4
10−3
10−2
10−1
tp (s)
1102
10
1
Zth j−mb
(K/W)
0.75
0.50
0.33
0.20
0.10
0.05
0.02
0.01
0
δ = 1
Fig.4 Power derating curve.
handbook, halfpage
050
Th (
oC)
100
150
120
0
40
80
MGK674
Ptot max
(%)
Fig.5 Reverse bias SOAR.
Tc ≤ 100 °C; VBE = −1to −5V.
handbook, halfpage
10
0
400
IC
(A)
1200
VCE (V)
0
MGB893
800
5
BUW12F
BUW12AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com