Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUW12F Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BUW12F
Szczegółowy opis  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW12F Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BUW12F Datasheet HTML 1Page - NXP Semiconductors BUW12F Datasheet HTML 2Page - NXP Semiconductors BUW12F Datasheet HTML 3Page - NXP Semiconductors BUW12F Datasheet HTML 4Page - NXP Semiconductors BUW12F Datasheet HTML 5Page - NXP Semiconductors BUW12F Datasheet HTML 6Page - NXP Semiconductors BUW12F Datasheet HTML 7Page - NXP Semiconductors BUW12F Datasheet HTML 8Page - NXP Semiconductors BUW12F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Aug 14
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW12F; BUW12AF
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Measured with a half-sinewave voltage (curve tracer).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEOsust
collector-emitter sustaining voltage IC = 100 mA; IBoff = 0; L = 25 mH;
see Figs 8 and 9
BUW12F
400
−−
V
BUW12AF
450
−−
V
VCEsat
collector-emitter saturation voltage
BUW12F
IC = 6 A; IB = 1.2 A; see Figs 6 and 10 −−
1.5
V
BUW12AF
IC = 5 A; IB = 1 A; see Figs 6 and 10
−−
1.5
V
VBEsat
base-emitter saturation voltage
BUW12F
IC = 6 A; IB = 1.2 A; see Fig.6
−−
1.5
V
BUW12AF
IC = 5 A; IB = 1 A; see Fig.6
−−
1.5
V
ICES
collector-emitter cut-off current
VCE =VCESMmax; VBE = 0; note 1
−−
1mA
VCE =VCESMmax; VBE =0;
Tj = 125 °C; note 1
−−
3mA
IEBO
emitter-base cut-off current
VEB =9V; IC =0
−−
10
mA
hFE
DC current gain
VCE =5V; IC = 10 mA; see Fig.11
10
18
35
VCE =5V; IC = 1 A; see Fig.11
10
20
35
Switching times resistive load (see Figs 12 and 13)
ton
turn-on time
BUW12F
ICon = 6 A; IBon =IBoff = 1.2 A
−−
1
µs
BUW12AF
ICon = 5 A; IBon =IBoff =1A
−−
1
µs
ts
storage time
BUW12F
ICon = 6 A; IBon =IBoff = 1.2 A
−−
4
µs
BUW12AF
ICon = 5 A; IBon =IBoff =1A
−−
4
µs
tf
fall time
BUW12F
ICon = 6 A; IBon =IBoff = 1.2 A
−−
0.8
µs
BUW12AF
ICon = 5 A; IBon =IBoff =1A
−−
0.8
µs
Switching times inductive load (see Figs 14 and 15)
ts
storage time
BUW12F
ICon = 6 A; IB = 1.2 A; VCL = 250 V;
Tc = 100 °C
1.9
2.5
µs
BUW12AF
ICon = 5 A; IB = 1 A; VCL = 300 V;
Tc = 100 °C
1.9
2.5
µs
tf
fall time
BUW12F
ICon = 6 A; IB = 1.2 A; VCL = 250 V;
Tc = 100 °C
200
300
ns
BUW12AF
ICon = 5 A; IB = 1 A; VCL = 300 V;
Tc = 100 °C
200
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com