Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUW12F Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części BUW12F
Szczegółowy opis  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW12F Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button BUW12F Datasheet HTML 3Page - NXP Semiconductors BUW12F Datasheet HTML 4Page - NXP Semiconductors BUW12F Datasheet HTML 5Page - NXP Semiconductors BUW12F Datasheet HTML 6Page - NXP Semiconductors BUW12F Datasheet HTML 7Page - NXP Semiconductors BUW12F Datasheet HTML 8Page - NXP Semiconductors BUW12F Datasheet HTML 9Page - NXP Semiconductors BUW12F Datasheet HTML 10Page - NXP Semiconductors BUW12F Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Aug 14
7
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW12F; BUW12AF
handbook, full pagewidth
0
2.0
MGB914
10−1
102
1
IC (A)
VBEsat
VCEsat
(V)
10
0.5
1.5
1.0
(1)
(2)
(4)
(3)
Fig.6 Base-emitter and collector-emitter saturation voltages as functions of collector current; typical values.
IC/IB =5.
(1) VBE; Tj =25 °C.
(2) VBE; Tj = 100 °C.
(3) VCE; Tj = 100 °C.
(4) VCE; Tj =25 °C.
Fig.7 Base-emitter voltage as a function of base current; typical values.
handbook, full pagewidth
3
IB (A)
1.6
1.4
0.8
0
0.5
VBE
(V)
MGB911
1.2
1.0
2
2.5
1
1.5
(1)
(2)
(3)
Tj =25 °C.
(1) IC =8A.
(2) IC =6A.
(3) IC =3A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com