Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCP2809 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części NCP2809
Szczegółowy opis  NOCAP 135 mW Stereo Headphone Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2809 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button NCP2809_06 Datasheet HTML 3Page - ON Semiconductor NCP2809_06 Datasheet HTML 4Page - ON Semiconductor NCP2809_06 Datasheet HTML 5Page - ON Semiconductor NCP2809_06 Datasheet HTML 6Page - ON Semiconductor NCP2809_06 Datasheet HTML 7Page - ON Semiconductor NCP2809_06 Datasheet HTML 8Page - ON Semiconductor NCP2809_06 Datasheet HTML 9Page - ON Semiconductor NCP2809_06 Datasheet HTML 10Page - ON Semiconductor NCP2809_06 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NCP2809 Series
http://onsemi.com
7
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY (Hz)
Figure 6. THD+N vs. Frequency
Vp = 5.0 V, RL = 16 W, Pout = 75 mW
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY (Hz)
Figure 7. THD+N vs. Frequency
Vp = 5.0 V, RL = 32 W, Pout = 50 mW
Figure 8. THD+N vs. Frequency
Vp = 3.0 V, RL = 16 W, Pout = 30 mW
Figure 9. THD+N vs. Frequency
Vp = 3.0 V, RL = 32 W, Pout = 20 mW
Figure 10. THD+N vs. Frequency
Vp = 2.4 V, RL = 16 W, Pout = 20 mW
Figure 11. THD+N vs. Frequency
Vp = 2.4 V, RL = 32 W, Pout = 10 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com