Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCP2809 Arkusz danych(PDF) 13 Page - ON Semiconductor

Numer części NCP2809
Szczegółowy opis  NOCAP 135 mW Stereo Headphone Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2809 Arkusz danych(HTML) 13 Page - ON Semiconductor

Back Button NCP2809_06 Datasheet HTML 9Page - ON Semiconductor NCP2809_06 Datasheet HTML 10Page - ON Semiconductor NCP2809_06 Datasheet HTML 11Page - ON Semiconductor NCP2809_06 Datasheet HTML 12Page - ON Semiconductor NCP2809_06 Datasheet HTML 13Page - ON Semiconductor NCP2809_06 Datasheet HTML 14Page - ON Semiconductor NCP2809_06 Datasheet HTML 15Page - ON Semiconductor NCP2809_06 Datasheet HTML 16Page - ON Semiconductor NCP2809_06 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
NCP2809 Series
http://onsemi.com
13
TYPICAL CHARACTERISTICS
Figure 38. Turning–On Time/Vp = 5.0 V
and F = 100 Hz
Ch1 = OUT_R, Ch2 = VMC and Ch3 = Shutdown
Figure 39. Turning–On Time Zoom/Vp = 5.0 V
and F = 400 Hz
Ch1 = OUT_R, Ch2 = VMC and Ch3 = Shutdown
Figure 40. Turning–Off Time/Vp = 5.0 V
and F = 100 Hz
Ch1 = OUT_R, Ch2 = VMC and Ch3 = Shutdown
Figure 41. TurningOff Time Zoom/Vp = 5.0 V
and F = 400 Hz
Ch1 = OUT_R, Ch2 = VMC and Ch3 = Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com