Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCP2809 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części NCP2809
Szczegółowy opis  NOCAP 135 mW Stereo Headphone Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2809 Arkusz danych(HTML) 1 Page - ON Semiconductor

  NCP2809_06 Datasheet HTML 1Page - ON Semiconductor NCP2809_06 Datasheet HTML 2Page - ON Semiconductor NCP2809_06 Datasheet HTML 3Page - ON Semiconductor NCP2809_06 Datasheet HTML 4Page - ON Semiconductor NCP2809_06 Datasheet HTML 5Page - ON Semiconductor NCP2809_06 Datasheet HTML 6Page - ON Semiconductor NCP2809_06 Datasheet HTML 7Page - ON Semiconductor NCP2809_06 Datasheet HTML 8Page - ON Semiconductor NCP2809_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 8
1
Publication Order Number:
NCP2809/D
NCP2809 Series
NOCAPt 135 mW Stereo
Headphone Power Amplifier
The NCP2809 is a cost−effective stereo audio power amplifier
capable of delivering 135 mW of continuous average power per
channel into 16
W loads.
The NCP2809 audio power amplifier is specifically designed to
provide high quality output power from low supply voltage,
requiring very few external components. Since NCP2809 does not
require bootstrap capacitors or snubber networks, it is optimally
suited for low−power portable systems. NCP2809A has an internal
gain of 0 dB while specific external gain can externally be set with
NCP2809B.
If the application allows it, the virtual ground provided by the
device can be connected to the middle point of the headset (Figure 1).
In such case, the two external heavy coupling capacitors typically
used can be removed. Otherwise, you can also use both outputs in
single ended mode with external coupling capacitors (Figure 43).
Due to its excellent Power Supply Rejection Ratio (PSRR), it can
be directly connected to the battery, saving the use of an LDO.
Features
135 mW to a 16 W Load from a 5.0 V Power Supply
Excellent PSRR (85 dB Typical): Direct Connection to the Battery
“Pop and Click” Noise Protection Circuit
Ultra Low Current Shutdown Mode
2.2 V–5.5 V Operation
Outstanding Total Harmonics Distortion + Noise (THD+N): Less
than 0.01%
External Turn−on and Turn−off Configuration Capability
Thermal Overload Protection Circuitry
Pb−Free Packages are Available
Typical Applications
Cellular Phone
Portable Stereo
MP3 Player
Personal and Notebook Computers
Micro10
DM SUFFIX
CASE 846B
1
10
PIN CONNECTIONS
IN_R
OUT_R
SD
BYP
REF_I
VM
VP
110
2
3
4
9
8
7
MARKING
DIAGRAM
IN_L
5
OUT_L
6
MAx
AYW
G
G
OUT_I
See detailed ordering and shipping information in the package
dimensions section on page 20 of this data sheet.
ORDERING INFORMATION
x
= E for NCP2809A
C for NCP2809B
A = Assembly Location
Y = Year
W = Work Week
G = Pb−Free Package
(Note: Microdot may be in either location)
http://onsemi.com


Podobny numer części - NCP2809_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP2809A ONSEMI-NCP2809A Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809ADMR2 ONSEMI-NCP2809ADMR2 Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809B ONSEMI-NCP2809B Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809BDMR2 ONSEMI-NCP2809BDMR2 Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809BDMR2G ONSEMI-NCP2809BDMR2G Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
More results

Podobny opis - NCP2809_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2811 ONSEMI-NCP2811 Datasheet
216Kb / 14P
NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com