Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AAT4612 Arkusz danych(PDF) 3 Page - Advanced Analog Technology, Inc.

Numer części AAT4612
Szczegółowy opis  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAT [Advanced Analog Technology, Inc.]
Strona internetowa  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4612 Arkusz danych(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT4612 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AAT4612
Current Limited Load Switch
4612.2006.09.1.3
3
Absolute Maximum Ratings1
TA = 25°C unless otherwise noted.
Thermal Characteristics3
Symbol
Description
Value
Units
ΘJA
Maximum Thermal Resistance (SOT23-5, SC70JW-8)
150
°C/W
PD
Maximum Power Dissipation (SOT23-5, SC70JW-8)
667
mW
Symbol
Description
Value
Units
VIN
IN to GND
-0.3 to 6
V
VON
ON to GND
-0.3 to 6
V
VOUT
OUT to GND
-0.3 to 6
V
IOUT
Output Current
Internally Limited
A
TJ
Operating Junction Temperature Range
-40 to 150
°C
VESD
ESD Rating2—HBM
4000
V
TLEAD
Maximum Soldering Temperature (at Leads)
300
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
3. Mounted on a demo board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com