Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AAT4612 Arkusz danych(PDF) 1 Page - Advanced Analog Technology, Inc.

Numer części AAT4612
Szczegółowy opis  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAT [Advanced Analog Technology, Inc.]
Strona internetowa  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4612 Arkusz danych(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT4612 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SmartSwitch
AAT4612
Current Limited Load Switch
4612.2006.09.1.3
1
General Description
The AAT4612 SmartSwitch is a current limited P-
channel MOSFET power switch designed for high-
side load switching applications operating with
inputs ranging from 2.4V to 5.5V, making it ideal for
both 3V and 5V systems. An integrated current
limiting circuit protects the input supply from large
currents which could potentially cause the supply
to fall out of regulation. In addition, the AAT4612’s
thermal overload protection limits power dissipa-
tion and junction temperatures associated with pro-
longed periods of operation in current limit. Due to
its low RDS(ON), the AAT4612 can be used to control
loads that require up to 1A even while operating at
high ambient temperatures. The ultra-fast current
limit response to a sudden short circuit is a mere
500ns which reduces the requirements of local
supply bypassing. Quiescent current is a low 10µA
and, in shutdown mode, the supply current
decreases to less than 1µA.
The AAT4612 is available in a Pb-free 5-pin SOT23
package or a Pb-free 8-pin SC70JW package and
is specified over the -40°C to +85°C temperature
range.
Features
Input Voltage Range: 2.4V to 5.5V
1A Current Limit Trip Threshold
Fast Transient Response:
<1µs Response to Short Circuit
Low Quiescent Current:
10µA Typ
1µA Max with Switch Off
100m
Ω Typical RDS(ON)
Under-Voltage Lockout
Thermal Shutdown
4kV ESD Rating
5-Pin SOT23 or 8-Pin SC70JW Package
-40°C to +85°C Temperature Range
Applications
Hot Swap Supplies
Notebook Computers
Peripheral Ports
Personal Communication Devices
Typical Application
AAT4612
ON
IN
OUT
GND
ON
INPUT
GND
GND
CIN
1
μF
COUT
0.47
μF
VCC


Podobny numer części - AAT4612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4612IGV-T1 ANALOGICTECH-AAT4612IGV-T1 Datasheet
670Kb / 10P
Current Limited Load Switch
AAT4612IGV-T1 ANALOGICTECH-AAT4612IGV-T1 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4612IJS-T1 ANALOGICTECH-AAT4612IJS-T1 Datasheet
670Kb / 10P
Current Limited Load Switch
More results

Podobny opis - AAT4612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618_06 Datasheet
251Kb / 11P
Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com