Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AAT4612 Arkusz danych(PDF) 5 Page - Advanced Analog Technology, Inc.

Numer części AAT4612
Szczegółowy opis  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAT [Advanced Analog Technology, Inc.]
Strona internetowa  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4612 Arkusz danych(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT4612 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AAT4612
Current Limited Load Switch
4612.2006.09.1.3
5
Typical Characteristics
Off-Switch Current vs. Temperature
0.00
0.01
0.10
1.00
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
Off-Supply Current vs. Temperature
0.00
0.01
0.10
1.00
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
R
DS(ON) vs. Temperature
Temperature (
°°C)
0
50
100
150
200
250
-40
-20
0
20
40
60
80
100
120
VIN = 5V
VIN = 3V
Current Limit vs. Output Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
4
5
Output Voltage (V)
Quiescent Current vs. Input Voltage
0
5
10
15
20
0
1234
56
Input Voltage (V)
Quiescent Current vs. Temperature
0
5
10
15
20
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com