Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AAT4612 Arkusz danych(PDF) 6 Page - Advanced Analog Technology, Inc.

Numer części AAT4612
Szczegółowy opis  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAT [Advanced Analog Technology, Inc.]
Strona internetowa  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4612 Arkusz danych(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT4612 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AAT4612
Current Limited Load Switch
6
4612.2006.09.1.3
Typical Characteristics
ON Threshold vs. Input Voltage
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VON(H)
VON(L)
Thermal Shutdown Response
Time (50ms/div)
Output Voltage (5V/div)
Output Current (1A/div)
Short Circuit Through 0.3
Ω
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-1
0
1
2345
Time (µs)
0
2
4
6
8
10
12
Input Voltage
Output Current
Output Voltage
Turn-Off
(RL = 10
Ω; C
L = 0.47µF)
-1
0
1
2
3
4
5
6
-5
0
5
10
15
20
Time (µs)
ON
OUT
Turn-On
(RL = 10
Ω; C
L = 0.47µF)
-1
0
1
2
3
4
5
6
-0.5
0.0
0.5
1.0
1.5
2.0
Time (µs)
ON
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com