| Zakładka z wyszukiwarką danych komponentów |
|
AM29PDL128G Arkusz danych(PDF) 10 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PDL128G Arkusz danych(HTML) 10 Page - Advanced Micro Devices |
|
10 / 71 page ![]() October 28, 2004 Am29PDL128G 9 P R E L IM IN A R Y PIN DESCRIPTION A21–A0 = 22 Addresses DQ30–DQ0 = 31 Data Inputs/Outputs DQ31/A-1 = DQ31 (Data Input/Output, double word mode), A-1 (LSB Address In- put, word mode) CE# = Chip Enable OE# = Output Enable WE# = Write Enable WP# = Hardware Write Protect Input ACC = Acceleration Input RESET# = Hardware Reset Pin, Active Low WORD# = Word Enable Input At V IL, selects 16-bit mode, At V IH, selects 32-bit mode RY/BY# = Ready/Busy Output V CC = 3.0 Volt-only Single Power Supply (see Product Selector Guide for speed options and voltage supply tolerances) V IO = Output Buffer Power Supply V SS = Device Ground NC = Pin Not Connected Internally RFU = Reserved for Future Use LOGIC SYMBOL 22 32 or 16 DQ31–DQ0 (A-1) A21–A0 CE# OE# WE# RESET# WORD# RY/BY# ACC WP# V IO |