Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSC8144 Arkusz danych(PDF) 25 Page - Freescale Semiconductor, Inc

Numer części MSC8144
Szczegółowy opis  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8144 Arkusz danych(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MSC8144 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
Electrical Characteristics
MSC8144 Quad Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
25
2
Electrical Characteristics
This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications. For additional information, see the MSC8144 Reference Manual.
2.1
Maximum Ratings
In calculating timing requirements, adding a maximum value of one specification to a minimum value of another specification
does not yield a reasonable sum. A maximum specification is calculated using a worst case variation of process parameter values
in one direction. The minimum specification is calculated using the worst case for the same parameters in the opposite direction.
Therefore, a “maximum” value for a specification never occurs in the same device with a “minimum” value for another
specification; adding a maximum to a minimum represents a condition that can never exist.
AH17
Reserved1
AH18
Reserved1
AH19
Reserved1
AH20
Reserved1
AH21
Reserved1
AH22
Reserved1
AH23
Reserved1
AH24
Reserved1
AH25
Reserved1
AH26
Reserved1
AH27
Reserved1
AH28
Reserved1
Notes:
1.
Reserved signals should be disconnected for compatibility with future revisions of the device.
2.
For signals with same functionality in all modes the appropriate cells are empty.
3.
The choice between GPIO function and other function is by GPIO registers setup. For configuration details, see Chapter 23,
GPIO in the MSC8144 Reference Manual.
4.
Open-drain signal.
5.
Internal 20 K
Ω pull-up resistor.
6.
For signals with GPIO functionality, the open-drain and internal 20 K
Ω pull-up resistor can be configured by GPIO register
programming. See Chapter 23, GPIO of the MSC8144 Reference Manual for configuration details.
CAUTION
This device contains circuitry protecting against damage
due to high static voltage or electrical fields; however,
normal precautions should be taken to avoid exceeding
maximum voltage ratings. Reliability is enhanced if unused
inputs are tied to an appropriate logic voltage level (for
example, either GND or VDD).
Table 1. Signal List by Ball Number (continued)
Ball
Number
Signal Name
Power-
On
Reset
Value
I/O Multiplexing Mode2
Ref.
Supply
0 (000)
1 (001)
2 (010)
3 (011)
4 (100)
5 (101)
6 (110)
7 (111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com