Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSC8144 Arkusz danych(PDF) 77 Page - Freescale Semiconductor, Inc

Numer części MSC8144
Szczegółowy opis  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8144 Arkusz danych(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MSC8144 Datasheet HTML 72Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 73Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 75Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 76Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 77Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 78Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 79Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
Package Information
MSC8144 Quad Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
77
5
Package Information
6
Product Documentation
MSC8144 Technical Data Sheet (MSC8144). Details the signals, AC/DC characteristics, clock signal characteristics,
package and pinout, and electrical design considerations of the MSC8144 device.
MSC8144 Reference Manual (MSC8144RM). Includes functional descriptions of the extended cores and all the
internal subsystems including configuration and programming information.
Application Notes. Cover various programming topics related to the StarCore DSP core and the MSC8144 device.
SC3400 DSP Core Reference Manual. Covers the SC3400 core architecture, control registers, clock registers, program
control, and instruction set.
MSC8144 SC3400 DSP Core Subsystem Reference Manual. Covers core subsystem architecture, functionality, and
registers.
Figure 47. MSC8144 Mechanical Information, 783-ball FC-PBGA Package
Notes:
1. All dimensions in millimeters.
2. Dimensioning and tolerancing
per ASME Y14.5M–1994.
3. Maximum solder ball diameter
measured parallel to Datum A.
4. Datum A, the seating plane, is
determined by the spherical
crowns of the solder balls.
5. Parallelism measurement
should exclude any effect of
marking.
6. Capacitors may not be present
on all devices.
7. Caution must be taken not to
short exposed metal capacitor
pads on package top.
CASE NO. 1842-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com