Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SST26VF032B-104I/SM Arkusz danych(PDF) 18 Page - Microchip Technology

Numer części SST26VF032B-104I/SM
Szczegółowy opis  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM Arkusz danych(HTML) 18 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 14Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 15Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 16Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 17Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 18Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 19Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 20Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 21Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
SST26VF032B/SST26VF032BA
DS20005218K-page 18
 2013-2022 Microchip Technology Inc. and its subsidiaries
5.7
SPI Quad-Output Read
The SPI Quad-Output Read instruction supports fre-
quencies of up to 104 MHz from 2.7V-3.6V and up to 80
MHz from 2.3V-3.6V. SST26VF032B requires the IOC
bit in the Configuration register to be set to ‘1’ prior to
executing the command. Initiate SPI Quad-Output
Read by executing an 8-bit command, 6BH, followed
by address bits A[23:0] and a dummy byte. CE# must
remain active-low for the duration of the SPI Quad
Mode Read. See Figure 5-8 for the SPI Quad Output
Read sequence.
Following the dummy byte, the device outputs data
from SIO[3:0] starting from the specified address loca-
tion. The device continually streams data output
through all addresses until terminated by a low-to-high
transition on CE#. The internal Address Pointer auto-
matically increments until the highest memory address
is reached, at which point the Address Pointer returns
to the beginning of the address space.
FIGURE 5-8:
SPI QUAD OUTPUT READ
Note:
MSN= Most Significant Nibble, LSN = Least Significant Nibble
CE#
SIO0
SCK
012345678
31 32
24
MODE 3
MODE 0
15 16
23
6BH
39 40 41
A[23:16]
A[15:8]
A[7:0]
b4 b0
b4 b0
b5 b1
b5 b1
b6 b2
b6 b2
b7 b3
b7 b3
SIO1
SIO2
SIO3
Address
OP Code
Data
Byte 0
Dummy
Data
Byte N
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82