| Zakładka z wyszukiwarką danych komponentów |
|
SST26VF032B-104I/SM Arkusz danych(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST26VF032B-104I/SM Arkusz danych(HTML) 25 Page - Microchip Technology |
|
25 / 82 page ![]() 2013-2022 Microchip Technology Inc. and its subsidiaries DS20005218K-page 25 SST26VF032B/SST26VF032BA 5.16 Serial Flash Discoverable Parameters (SFDP) The Serial Flash Discoverable Parameters (SFDP) contain information describing the characteristics of the device. This allows device-independent, JEDEC ID- independent, and forward/backward compatible soft- ware support for all future Serial Flash device families. See Table 11-1 for address and data values. Initiate SFDP by executing an 8-bit command, 5AH, fol- lowed by address bits A[23:0] and a dummy byte. CE# must remain active-low for the duration of the SFDP cycle. For the SFDP sequence, see Figure 5-18. FIGURE 5-18: SERIAL FLASH DISCOVERABLE PARAMETERS SEQUENCE 5.17 Sector Erase The Sector Erase instruction clears all bits in the selected 4-KByte sector to ‘1,’ but it does not change a protected memory area. Prior to any write operation, the Write Enable (WREN) instruction must be executed. To execute a Sector Erase operation, the host drives CE# low, then sends the Sector Erase command cycle (20H) and three address cycles, and then drives CE# high. Address bits [AMS:A12] (AMS = Most Significant Address) determine the sector address (SAX); the remaining address bits can be VIL or VIH. To identify the completion of the internal, self-timed, Write operation, poll the BUSY bit in the STATUS register, or wait TSE. See Figure 5-19 and Figure 5-20 for the Sector Erase sequence. FIGURE 5-19: 4-KBYTE SECTOR-ERASE SEQUENCE– SQI MODE FIGURE 5-20: 4 KBYTE SECTOR-ERASE SEQUENCE (SPI) CE# SO SI SCK ADD. 012 34 5 6 7 8 ADD. ADD. 5A High-Impedance 15 16 23 24 31 32 39 40 47 48 55 56 63 64 N+2 N+3 N+4 N N+1 X MSB MODE 0 MODE 3 DOUT DOUT DOUT DOUT 80 71 72 DOUT Note: MSN = Most Significant Nibble, LSN = Least Significant Nibble, C[1:0] = 20H MODE 3 0 1 SCK SIO[3:0] CE# C1 C0 MODE 0 2 A5 A4 MSN LSN 4 A3 A2 6 A1 A0 CE# SO SI SCK ADD. 01 2 3 4 5 6 7 8 ADD. ADD. 20 High-Impedance 15 16 23 24 31 MODE 0 MODE 3 MSB MSB |