Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SST26VF032B-104I/SM Arkusz danych(PDF) 43 Page - Microchip Technology

Numer części SST26VF032B-104I/SM
Szczegółowy opis  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/SM Arkusz danych(HTML) 43 Page - Microchip Technology

Back Button SST26VF032B-104I/SM Datasheet HTML 39Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 40Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 41Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 42Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 43Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 44Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 45Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 46Page - Microchip Technology SST26VF032B-104I/SM Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 43
SST26VF032B/SST26VF032BA
FIGURE 6-1:
POWER-UP TIMING DIAGRAM
FIGURE 6-2:
POWER-DOWN AND VOLTAGE DROP DIAGRAM
Time
VDD Min
VDD Max
VDD
Device fully accessible
TPU-READ
TPU-WRITE
Chip selection is not allowed.
Commands may not be accepted or properly
interpreted by the device.
Device
Access
Allowed
TPD
TPU
No Device Access Allowed
Time
VDD Min
VDD Max
VDD
VOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82