Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL375-60 Arkusz danych(PDF) 47 Page - Emerson Network Power

Numer części PL375-60
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Arkusz danych(HTML) 47 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 43Page - Emerson Network Power PL375-60 Datasheet HTML 44Page - Emerson Network Power PL375-60 Datasheet HTML 45Page - Emerson Network Power PL375-60 Datasheet HTML 46Page - Emerson Network Power PL375-60 Datasheet HTML 47Page - Emerson Network Power PL375-60 Datasheet HTML 48Page - Emerson Network Power PL375-60 Datasheet HTML 49Page - Emerson Network Power PL375-60 Datasheet HTML 50Page - Emerson Network Power PL375-60 Datasheet HTML 51Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
45
Standard Panels see pages 51. R-Resistance (½W, 1%)
BNC RECEPTACLES
.625
2.125
.750
.156
DIA TYP
2.409
.570
2.660
.487
.562
SCHEMATIC
Patching Products / Coax
Patch Jacks & Accessories
Patch Jacks J15, J24, J314, and HDVDP can be mounted vertically
or horizontally on 5/8" centers. Mounting tabs are normally “back-
to-back” (as shown below).
Features
• J24 is a high frequency jack w/signals monitoring cabilities
High Frequency Normal-Thru with Monitor
Dual Coax Patch Jack
J24WMSTHF-75
To be used with grey aluminum insulated panel..JSIS-72 (see page 57).
BNC
PLUG
2.09
30
°
ADAPTER
CIRCUIT
SCHEMATIC
BNC
JACKS
.625
.500
1.600
.592
1.185
.500
1.600
.592
1.185
.625
Adapter
Fixed Paralleling
50Ω BNC - Two Jacks, One Plug
PN2C
Adapter
Fixed Paralleling
50Ω BNC - One Jack, Two Plugs
PN2
Adapter
Fixed Paralleling
50Ω BNC - Two Jacks, One Plug
PN2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com