Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL375-60 Arkusz danych(PDF) 32 Page - Emerson Network Power

Numer części PL375-60
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Arkusz danych(HTML) 32 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 28Page - Emerson Network Power PL375-60 Datasheet HTML 29Page - Emerson Network Power PL375-60 Datasheet HTML 30Page - Emerson Network Power PL375-60 Datasheet HTML 31Page - Emerson Network Power PL375-60 Datasheet HTML 32Page - Emerson Network Power PL375-60 Datasheet HTML 33Page - Emerson Network Power PL375-60 Datasheet HTML 34Page - Emerson Network Power PL375-60 Datasheet HTML 35Page - Emerson Network Power PL375-60 Datasheet HTML 36Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
30
Trompeter manufacturers a wide selection of circuit board jacks, Shown below are the most commonly requested designs. For custom
designs, contact customer service.
.380
DIA
TYP
.722
.156 TYP
.188 TYP
.047 DIA
.062 DIA
4 HOLES
.380
DIA
TYP
.722
.156 TYP
Ø.062 DIA
3 HOLES
Ø.047 DIA
Ø.340
DIA BC
120
° TYP
.591
TYP
.500
TYP
(.850)
.013
TYP
.043 DIA
4 PLACES
.090
.560
.200
TYP
.045 DIA
.055
.047 DIA
5 HOLES
.502
.498
TYP
1.054
±.030
.890
±.030
.380
DIA
.030 TYP
B
TYP
C TYP
D TYP
.13 TYP
.258
TYP
.258
TYP
.040 TYP
E TYP
.258
.258
A
MODEL
LTR OHM A
B
C
D
E
NO.
CODE
DIM DIM DIM DIM DIM
CBJR20A
A
50 .046 .34 .090 .058 .070
UCBJR20A
A
75 .029 .34 .090 .058 .070
MODEL
LTR OHM A
B
C
D
E
NO.
CODE
DIM DIM DIM DIM DIM
CBJR20
-
50 .046 .24 .090 .050 .0625
UCBJR20
-
75 .029 .24 .090 .050 .0625
.380
DIA
TYP
.815
.013 TYP
.156
.188 TYP
.047 DIA
.062 DIA
4 HOLES
.380
DIA
TYP
.815
.156 TYP
Ø.062 DIA
3 HOLES
Ø.047 DIA
Ø.340
DIA BC
120
° TYP
.013
1.090
.380
DIA
.040 TYP
.430
.131
.030
.029
.885
.062
.258
.258
.129
.129
Coax Connectors / Coax 20/220 Series
Circuit Board Jacks
Circuit Board Jack
Straight, 4-leg
75Ω............................................... UCBJ20F
Circuit Board Jack
Straight, 3-leg
50Ω................................................... CBJ20
Circuit Board Jack
Straight, 4-leg
50Ω................................................... CBJ22
Circuit Board Jack
Straight, 4-leg
75Ω............................................... UCBJ224
Circuit Board Jack
Straight, 3-leg
75Ω............................................... UCBJ223
Right Angle Coax BNC
Circuit Board Jack
50Ω.............................................. CBJR220
75Ω............................................ UCBJR220
Circuit Board Jack
Right Angle, Tall Version
50Ω.............................................. CBJR20A
75Ω............................................ UCBJR20A 1.054
±.030
.890
±.030
.380
DIA
.030 TYP
B
TYP
C TYP
D TYP
.13 TYP
.258
TYP
.258
TYP
.040 TYP
E TYP
.258
.258
A
MODEL
LTR OHM A
B
C
D
E
NO.
CODE
DIM DIM DIM DIM DIM
CBJR20A
A
50 .046 .34 .090 .058 .070
UCBJR20A
A
75 .029 .34 .090 .058 .070
MODEL
LTR OHM A
B
C
D
E
NO.
CODE
DIM DIM DIM DIM DIM
CBJR20
-
50 .046 .24 .090 .050 .0625
UCBJR20
-
75 .029 .24 .090 .050 .0625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com