Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL375-60 Arkusz danych(PDF) 56 Page - Emerson Network Power

Numer części PL375-60
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Arkusz danych(HTML) 56 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 52Page - Emerson Network Power PL375-60 Datasheet HTML 53Page - Emerson Network Power PL375-60 Datasheet HTML 54Page - Emerson Network Power PL375-60 Datasheet HTML 55Page - Emerson Network Power PL375-60 Datasheet HTML 56Page - Emerson Network Power PL375-60 Datasheet HTML 57Page - Emerson Network Power PL375-60 Datasheet HTML 58Page - Emerson Network Power PL375-60 Datasheet HTML 59Page - Emerson Network Power PL375-60 Datasheet HTML 60Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
54
Many other panel hole configurations available, contact customer service.
1
Will not accept dual jacks (e.g. J14, J214, J314, J74, HDVDP) 2 Will not accept jacks requiring hole spacing (A) larger than .625” 3 Will accept 3 barrel jack only
“D” Hole Specifications
Throughout the catalog you will find “D” holes called out for
bulkhead jacks. The “D” hole is the cutout pattern designated
for the proper fit of bulkhead jacks into distribution panels.
“D” Hole Type Maximum panel thickness Example: D3.148
“D” Holes
Double “D” Holes
See page 59 for panel figure diagrams.
Circular Holes
Note: JSIB (Fig. B and C) panels have .459 dia typ.
A
B
A
B
A
A
B
C
Patching Products / Standard 19” Panels
D Hole Specifications
# of Holes
Panel Height
Hole Spacing
Foot Note
Fig
Non-insulated
Part #
Insulated Part #
Insulated Pheno-
lic Part #
A
B
C
12
1.75"
-
1.43"
1.43"
1
A
JS-12
JSI-12
16
1.75”
-
1.00”
1.00”
1
A
JS-16
JSI-16
20
1.75"
-
.830"
.830"
1
A
JS-20
JSI-20
24
1.75"
-
.625"
.750"
1
A
JS-24S
JSI-24S
26
1.75"
-
.625"
.625"
1
A
JS-26
JSI-26
28
1.75"
-
.625"
.625"
1
A
JS-28
JSI-28
32
1.75"
.625"
1.00"
1.00"
2
B
JS-32S
JSI-32S
JSIB-32S
40
1.75"
.625"
.830"
.830"
2
B
JS-40S
JSI-40S
JSIB-40S
48
1.75"
.625"
.625"
.750"
2
B
JS-48S
JSI-48S
JSIB-48S
52
1.75"
.625"
.625"
.625"
2
B
JS-52S
JSI-52S
JSIB-52S
24
3.50"
.625
1.43"
1.43"
2
C
JS-24L
JSI-24L
24
3.50"
1.00"
1.43"
1.43"
1
C
JS-24W
JSI-24W
28
3.50"
.625"
1.21"
1.21"
2
C
JS-28A
JSI-28A
28
3.50"
1.00"
1.21"
1.21"
C
JS-28W
JSI-28W
32
3.50"
.625"
1.00"
1.00"
2
C
JS-32A
JSI-32A
JSIB-32A
36
3.50
.625"
.625"
.750"
2
I
JS-36
JSI-36
36
3.50"
.625"
.830"
.830"
2
C
JS-36A
JSI-36A
40
3.50"
.625"
.830"
.830"
2
C
JS-40
JSI-40
JSIB-40
40
3.50"
1.00"
.830"
.830"
1
C
JS-40W
JSI-40W
JSIB-40W
48
3.50"
.625"
.625"
.750"
2
C
JS-48
JSI-48
JSIB-48
48
3.50"
.625"
.625"
.625"
2
C
JS-48A
JSI-48A
JSIB-48A
52
3.50"
1.00"
.625"
.625"
C
JS-52W
JSI-52W
JSIB-52W
52
3.50"
.625"
.625"
.625"
2
C
JS-52
JSI-52
JSIB-52
56
3.50"
.625"
.625"
.625"
2
C
JS-56
JSI-56
JSIB-56
72
3.50"
.625"
.680"
.680"
3
D
JSS-72
JSIS-72
“D” Hole Type
Double “D” Hole
A
B
A
B
D1
.755”
.343”
DD1
.630”
.532”
D2
.630”
.281”
DD2
.380”
.312”
D3
.505”
.218”
DD3
.505”
.443”
D4
.439"
.187"
DD4
.630"
.562"
D5
.380"
.156"
DD5
.475"
.436"
D6
.317"
.128"
DD6
.755"
.690"
D7
.281"
.125"
DD7
1.140”
1.060”
D8
.605"
.280"
DD8
.330"
.274"
D9
.567"
.257"
D10
.192"
.079"
D11
1.005”
.470”
Circular Hole
Double Circular Hole
A
C1
.317"-321"
CC1
C2
.380"-.385"
A
.630"
C3
.442"-.447"
B
.370"
C4
.474"-.480"
C
.136"-.140"
C5
.505"-.510"
C6
.755"-.760"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com