Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL375-60 Arkusz danych(PDF) 89 Page - Emerson Network Power

Numer części PL375-60
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Arkusz danych(HTML) 89 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 85Page - Emerson Network Power PL375-60 Datasheet HTML 86Page - Emerson Network Power PL375-60 Datasheet HTML 87Page - Emerson Network Power PL375-60 Datasheet HTML 88Page - Emerson Network Power PL375-60 Datasheet HTML 89Page - Emerson Network Power PL375-60 Datasheet HTML 90Page - Emerson Network Power PL375-60 Datasheet HTML 91Page - Emerson Network Power PL375-60 Datasheet HTML 92Page - Emerson Network Power PL375-60 Datasheet HTML 93Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
87
Cable Group Table
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
MIL-SPEC
M17/138-00001
COAX
-5
-003
0.102
0.021
50
MIL-SPEC
M17/152-00001
COAX
-5
-006
0.120
0.021
50
MIL-SPEC
M17/155-00001
COAX
-1
-011
0.200
0.038
50
MIL-SPEC
M17/157-00001
COAX
-4
-010
0.160
0.031
50
MIL-SPEC
M17/158-00001
COAX
-1
-012
0.200
0.039
50
MIL-SPEC
M17/162-00001
COAX
-6E
_
0.336
0.057
50
MIL-SPEC
M17/163-00001
COAX
-6A
_
0.412
0.090
50
MIL-SPEC
M17/164-00001
COAX
-6B
_
0.432
0.090
50
MIL-SPEC
M17/164-00002
COAX
-6B
_
0.432
0.090
50
MIL-SPEC
M17/167-00001
COAX
-3
-012
0.216
0.036
50
MIL-SPEC
M17/169-00001
COAX
-5A
-001
0.075
0.013
50
MIL-SPEC
M17/170-00001
COAX
-21
-011
0.175
0.038
50
MIL-SPEC
M17/171-00001
COAX
-41
_
0.288
0.060
50
MIL-SPEC
M17/172-00001
COAX
-5
-003
0.102
0.021
50
MIL-SPEC
M17/173-00001
COAX
-5
-003
0.100
0.019
50
MIL-SPEC
M17/174-00001
COAX
-6A
_
0.400
0.090
50
MIL-SPEC
M17/175-00001
COAX
-1
-012
0.200
0.039
50
MIL-SPEC
M17/176-00002
TWINAX
-47
-201
0.134
0.024
77
MIL-SPEC
M17/177-00001
TRIAX
-60
-305
0.189
0.013
95
MIL-SPEC
M17/179-00001
TRIAX
*
-305
0.195
0.013
75
MIL-SPEC
M17/180-00001
COAX
-6E
-017
0.336
0.029
75
MIL-SPEC
M17/181-00001
COAX
-6A
_
0.412
0.050
75.E
MIL-SPEC
M17/184-00001
COAX
-2
-013
0.246
0.024
75
MIL-SPEC
M17/186-00001
TWINAX
-9 ***
-213
0.245
0.040
78
MIL-SPEC
M17/187-00001
COAX
-4
*
0.160
0.031
50
MIL-SPEC
M17/189-00001
COAX
-6A
_
0.412
0.090
50
MIL-SPEC
M17/190-00001
COAX
-6B
TOO LARGE
0.432
0.089
50
MIL-SPEC
M17/196-00001
COAX
-5
*
0.115
0.019
50
MIL-SPEC
M17/200-00001
COAX
-3
-012
0.216
0.036
50
MIL-SPEC
M17/29-RG59
COAX
-2
-013
0.245
0.023
75
MIL-SPEC
M17/2-RG6
COAX
-6E
-017
0.336
0.029
75
MIL-SPEC
M17/30-RG062
COAX
-2B
-013
0.250
0.025
93
MIL-SPEC
M17/31-RG63
COAX
-6A
_
0.415
0.026
125
MIL-SPEC
M17/45-RG108
TWINAX
-9
-213
0.235
0.038
78
MIL-SPEC
M17/47-RG114
COAX
-6A
_
0.415
0.08
185
MIL-SPEC
M17/60-RG142
COAX
-1
-012
0.200
0.040
50
MIL-SPEC
M17/62-RG144
COAX
-6B
TOO LARGE
0.412
0.0525
75
MIL-SPEC
M17/6-RG11
COAX
-6A
-053
0.412
0.050
75
MIL-SPEC
M17/77-RG216
COAX
-6B
_
0.432
0.050
75
MIL-SPEC
M17/84-RG223
COAX
-3
-012
0.216
0.035
50
MIL-SPEC
M17/86-00001
COAX
-6B
_
0.440
0.094
50
MIL-SPEC
M17/90-RG71
COAX
-2B
-015A
0.250
0.025
93
MIL-SPEC
M17/97-RG210
COAX
-2B
-013B
0.250
0.026
93
MIL-SPEC
M27500-22TE2T14
TWINAX
-45
-210
0.137
0.032
_
MIL-SPEC
M27500-22TN2N06
TWINAX
-29
-201
0.134
0.029
_
MIL-SPEC
M27500-24S82T23
TWINAX
_
-208
0.101
0.021
78
MONTROSE
9835-735
COAX
*
-026
0.135
0.015
75
MONTROSE
CDT 735A
COAX
_
-026
0.129
0.016
75
MONTROSE
IFX4385
COAX
_
-004
0.100
0.013
75
MONTROSE/CDT
CBL 1225
TWINAX
_
-225
0.200
0.022
124
MONTROSE/CDT
CBL 1233
COAX
-2A
-025
0.225
0.033
75
MONTROSE/CDT
CBL 1235
COAX
-2A
-025
0.235
0.031
75
MONTROSE/CDT
CBL 1288-()
COAX
_
-026
0.129
0.016
75
MONTROSE/CDT
CBL 2108
COAX
-2A
-025
0.235
0.031
75
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com