| Zakładka z wyszukiwarką danych komponentów |
|
PIC12F683 Arkusz danych(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F683 Arkusz danych(HTML) 32 Page - Microchip Technology |
|
32 / 176 page ![]() PIC12F683 DS41211D-page 30 © 2007 Microchip Technology Inc. FIGURE 3-9: FSCM TIMING DIAGRAM TABLE 3-2: SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets(1) CONFIG(2) CPD CP MCLRE PWRTE WDTE FOSC2 FOSC1 FOSC0 — — INTCON GIE PEIE T0IE INTE GPIE T0IF INTF GPIF 0000 0000 0000 000x OSCCON — IRCF2 IRCF1 IRCF0 OSTS HTS LTS SCS -110 x000 -110 x000 OSCTUNE — — — TUN4 TUN3 TUN2 TUN1 TUN0 ---0 0000 ---u uuuu PIE1 EEIE ADIE CCP1IE — CMIE OSFIE TMR2IE TMR1IE 000- 0000 000- 0000 PIR1 EEIF ADIF CCP1IF — CMIF OSFIF TMR2IF TMR1IF 000- 0000 000- 0000 Legend: x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by oscillators. Note 1: Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation. 2: See Configuration Word register (Register 12-1) for operation of all register bits. OSCFIF System Clock Output Sample Clock Failure Detected Oscillator Failure Note: The system clock is normally at a much higher frequency than the sample clock. The relative frequencies in this example have been chosen for clarity. (Q) Test Test Test Clock Monitor Output |