| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F16-I/SS Arkusz danych(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-I/SS Arkusz danych(HTML) 40 Page - Microchip Technology |
|
40 / 136 page ![]() PIC16F716 DS41206B-page 38 © 2007 Microchip Technology Inc. 7.1 ADC Configuration When configuring and using the ADC the following functions must be considered: • Port configuration • Channel selection • ADC voltage reference selection • ADC conversion clock source • Interrupt control 7.1.1 PORT CONFIGURATION The ADC can be used to convert both analog and digital signals. When converting analog signals, the I/O pin should be configured for analog by setting the associated TRIS and ADCON1 bits. See the corresponding Port section for more information. 7.1.2 CHANNEL SELECTION The CHS bits of the ADCON0 register determine which channel is connected to the sample and hold circuit. When changing channels, a delay is required before starting the next conversion. Refer to Section 7.2 “ADC Operation” for more information. 7.1.3 ADC VOLTAGE REFERENCE The PCFG bits of the ADCON0 register provide independent control of the positive voltage reference. The positive voltage reference can be either VDD or an external voltage source. 7.1.4 CONVERSION CLOCK The source of the conversion clock is software select- able via the ADCS bits of the ADCON0 register. There are four possible clock options: •FOSC/2 •FOSC/8 •FOSC/32 •FRC (dedicated internal oscillator) The time to complete one bit conversion is defined as TAD. One full 8-bit conversion requires 9.5 TAD periods. For correct conversion, the appropriate TAD specification must be met. See A/D conversion requirements in Section 12.0 “Electrical Characteristics” for more information. Table 7-1 gives examples of appropriate ADC clock selections. TABLE 7-1: TAD vs. DEVICE OPERATING FREQUENCIES Note: Analog voltages on any pin that is defined as a digital input may cause the input buffer to conduct excess current. Note: Unless using the FRC, any changes in the system clock frequency will change the ADC clock frequency, which may adversely affect the ADC result. AD Clock Source (TAD) Device Frequency Operation ADCS<1:0> 20 MHz 5 MHz 1.25 MHz 333.33 kHz 2TOSC 00 100 ns(2) 400 ns(2) 1.6 μs6 μs 8TOSC 01 400 ns(2) 1.6 μs6.4 μs 24 μs(3) 32 TOSC 10 1.6 μs6.4 μs 25.6 μs(3) 96 μs(3) RC 11 2-6 μs(1), (4) 2-6 μs(1), (4) 2-6 μs(1), (4) 2-6 μs(1) Legend: Shaded cells are outside of recommended range. Note 1: The RC source has a typical TAD time of 4 μs. 2: These values violate the minimum required TAD time. 3: For faster conversion times, the selection of another clock source is recommended. 4: When device frequency is greater than 1 MHz, the RC A/D conversion clock source is recommended for Sleep operation only. |