| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F16-I/SS Arkusz danych(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-I/SS Arkusz danych(HTML) 96 Page - Microchip Technology |
|
96 / 136 page ![]() PIC16F716 DS41206B-page 94 © 2007 Microchip Technology Inc. 12.2 DC Characteristics: PIC16F716 (Industrial) DC CHARACTERISTICS Standard Operating Conditions (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +85°C Param No. Sym Characteristic Min Typ† Max Units VDD Conditions VDD Supply Voltage D001 2.0 — 5.5 V — D010 IDD Supply Current —14 17 μA2.0 FOSC = 32 kHz LP Oscillator mode —23 28 μA3.0 —45 63.7 μA5.0 D011 — 120 160 μA2.0 FOSC = 1 MHz XT Oscillator mode — 180 250 μA3.0 — 290 370 μA5.0 D012 — 220 300 μA2.0 FOSC = 4 MHz XT Oscillator mode — 350 470 μA3.0 — 600 780 μA5.0 D013 — 2.1 2.9 mA 4.5 FOSC = 20 MHz HS Oscillator mode — 2.5 3.3 mA 5.0 D020 IPD Power-down Base Current —0.1 0.8 μA 2.0 WDT, BOR and T1OSC: disabled — 0.1 0.85 μA3.0 —0.2 2.7 μA5.0 Peripheral Module Current(1) D021 —1 2.0 μA 2.0 WDT Current —2 3.5 μA3.0 —9 13.5 μA5.0 D022 —37 50 μA 3.0 BOR Current —40 55 μA4.5 —45 60 μA5.0 D025 — 1.8 6 μA2.0 T1OSC Current —2.6 7.5 μA3.0 —3.0 9 μA5.0 † Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is enabled. The peripheral “ Δ” current can be determined by subtracting the base IDD or IPD current from this limit. |