| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F16-I/SS Arkusz danych(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-I/SS Arkusz danych(HTML) 10 Page - Microchip Technology |
|
10 / 136 page ![]() PIC16F716 DS41206B-page 8 © 2007 Microchip Technology Inc. 2.2.1 GENERAL PURPOSE REGISTER FILE The register file can be accessed either directly or indirectly through the File Select Register FSR (Section 2.5 “Indirect Addressing, INDF and FSR Registers”). FIGURE 2-2: REGISTER FILE MAP Unimplemented data memory locations, read as ‘0’. Note 1: Not a physical register. File Address File Address 00h INDF(1) INDF(1) 80h 01h TMR0 OPTION_REG 81h 02h PCL PCL 82h 03h STATUS STATUS 83h 04h FSR FSR 84h 05h PORTA TRISA 85h 06h PORTB TRISB 86h 07h 87h 08h 88h 09h 89h 0Ah PCLATH PCLATH 8Ah 0Bh INTCON INTCON 8Bh 0Ch PIR1 PIE1 8Ch 0Dh 8Dh 0Eh TMR1L PCON 8Eh 0Fh TMR1H 8Fh 10h T1CON 90h 11h TMR2 91h 12h T2CON PR2 92h 13h 93h 14h 94h 15h CCPR1L 95h 16h CCPR1H 96h 17h CCP1CON 97h 18h PWM1CON 98h 19h ECCPAS 99h 1Ah 9Ah 1Bh 9Bh 1Ch 9Ch 1Dh 9Dh 1Eh ADRES 9Eh 1Fh ADCON0 ADCON1 9Fh 20h General Purpose Registers 80 Bytes General Purpose Registers 32 Bytes A0h BFh C0h 6Fh EFh 70h 7Fh 16 Bytes Accesses 70-7Fh F0h FFh Bank 0 Bank 1 |