| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F16-I/SS Arkusz danych(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F16-I/SS Arkusz danych(HTML) 41 Page - Microchip Technology |
|
41 / 136 page ![]() © 2007 Microchip Technology Inc. DS41206B-page 39 PIC16F716 7.1.5 INTERRUPTS The ADC module allows for the ability to generate an interrupt upon completion of an Analog-to-Digital conversion. The ADC interrupt flag is the ADIF bit in the PIR1 register. The ADC interrupt enable is the ADIE bit in the PIE1 register. The ADIF bit must be cleared in software. This interrupt can be generated while the device is operating or while in Sleep. If the device is in Sleep, the interrupt will wake-up the device. Upon waking from Sleep, the next instruction following the SLEEP instruction is always executed. If the user is attempting to wake-up from Sleep and resume in-line code execution, the global interrupt must be disabled. If the global interrupt is enabled, execution will switch to the Interrupt Service Routine. Please see Section 7.1.5 “Interrupts” for more information. Note: The ADIF bit is set at the completion of every conversion, regardless of whether or not the ADC interrupt is enabled. |