| Zakładka z wyszukiwarką danych komponentów |
|
TL082M Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL082M Arkusz danych(HTML) 1 Page - Texas Instruments |
|
1 / 20 page ![]() 1 FEATURES 1 2 3 4 8 7 6 5 1OUT 1IN– 1IN+ VCC– VCC+ 2OUT 2IN– 2IN+ D PACKAGE (TOP VIEW) DESCRIPTION/ORDERING INFORMATION TL082-Q1 JFET-INPUT OPERATIONAL AMPLIFIER SLOS548 – SEPTEMBER 2007 www.ti.com • Qualified for Automotive Applications • Low Power Consumption • Wide Common-Mode and Differential Voltage Ranges • Low Input Bias and Offset Currents • Low Total Harmonic Distortion: 0.003% Typ • High Input Impedance: JFET-Input Stage • Latchup-Free Operation • High Slew Rate: 13 V/μs Typ • Common-Mode Input Voltage Range Includes VCC+ The TL082 JFET-input operational amplifier incorporates well-matched, high-voltage JFET and bipolar transistors in a monolithic integrated circuit. The device features high slew rates, low input bias and offset currents, and low offset-voltage temperature coefficient. The I-suffix device is characterized for operation from –40 °C to 85°C. The Q-suffix device is characterized for operation from –40 °C to 125°C. ORDERING INFORMATION(1) TJ PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING –40 °C to 85°C SOIC – D Reel of 2500 TL082IDRQ1 TL082I –40 °C to 125°C SOIC – D Reel of 2500 TL082QDRQ1 TL082Q (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - TL082M |
|
Podobny opis - TL082M |