Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL082M Arkusz danych(PDF) 12 Page - Texas Instruments

Numer części TL082M
Szczegółowy opis  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

TL082M Arkusz danych(HTML) 12 Page - Texas Instruments

Back Button TL082M Datasheet HTML 8Page - Texas Instruments TL082M Datasheet HTML 9Page - Texas Instruments TL082M Datasheet HTML 10Page - Texas Instruments TL082M Datasheet HTML 11Page - Texas Instruments TL082M Datasheet HTML 12Page - Texas Instruments TL082M Datasheet HTML 13Page - Texas Instruments TL082M Datasheet HTML 14Page - Texas Instruments TL082M Datasheet HTML 15Page - Texas Instruments TL082M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
88.4 kΩ
18 pF
VCC+
VCC-
18 pF
18 pF
88.4 kΩ
88.4 kΩ
1N4148
1N4148
VCC-
VCC+
1 kΩ
- 15 V
6 cos ωt
15 V
18 kΩ
(see Note A)
1 kΩ
6 sin ωt
1/2
TL082
1/2
TL082
18 kΩ
(see Note A)
Output B
Output A
1.5 kΩ
VCC-
43 kΩ
220 pF
43 kΩ
VCC+
30 kΩ
VCC+
43 kΩ
VCC-
16 kΩ
43 kΩ
Input
220 pF
220 pF
16 kΩ
VCC-
VCC+
30 kΩ
VCC+
43 kΩ
220 pF
43 kΩ
VCC-
1.5 kΩ
1/2
TL082
2 kHz/div
Second-Order Bandpass Filter
fo = 100 kHz, Q = 30, GAIN = 4
2 kHz/div
Cascaded Bandpass Filter
fo = 100 kHz, Q = 69, GAIN = 16
Output A
Output
B
1/2
TL082
1/2
TL082
1/2
TL082
TL082-Q1
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS548 – SEPTEMBER 2007
A.
These resistor values may be adjusted for a symmetrical output.
Figure 23. 100-kHz Quadrature Oscillator
Figure 24. Positive-Feedback Bandpass Filter
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com