Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL082M Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TL082M
Szczegółowy opis  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

TL082M Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TL082M Datasheet HTML 6Page - Texas Instruments TL082M Datasheet HTML 7Page - Texas Instruments TL082M Datasheet HTML 8Page - Texas Instruments TL082M Datasheet HTML 9Page - Texas Instruments TL082M Datasheet HTML 10Page - Texas Instruments TL082M Datasheet HTML 11Page - Texas Instruments TL082M Datasheet HTML 12Page - Texas Instruments TL082M Datasheet HTML 13Page - Texas Instruments TL082M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
RL = 10 kΩ
VCC± = ±15 V
88
87
86
85
84
100
75
50
25
0
–25
–50
89
125
TA – Free-Air emperature – °C
T
83
–75
10
0
f - Frequenc y - Hz
100 k
50
10
20
30
40
VCC± = ±15 V
AVD = 10
RS = 20 Ω
TA = 25°C
40
100
400 1 k
4 k 10 k
40 k
0.001
1
VCC± = ±15 V
AVD = 1
VI(RMS) = 6 V
TA = 25°C
40k
10k
4k
1k
400
100k
f - Frequenc y - Hz
10
0.004
0.01
0.04
0.1
0.4
TL082-Q1
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS548 – SEPTEMBER 2007
COMMON-MODE REJECTION RATIO
EQUIVALENT INPUT NOISE VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
FREQUENCY
Figure 17.
Figure 18.
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
Figure 19.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com