Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL082M Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TL082M
Szczegółowy opis  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

TL082M Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TL082M Datasheet HTML 7Page - Texas Instruments TL082M Datasheet HTML 8Page - Texas Instruments TL082M Datasheet HTML 9Page - Texas Instruments TL082M Datasheet HTML 10Page - Texas Instruments TL082M Datasheet HTML 11Page - Texas Instruments TL082M Datasheet HTML 12Page - Texas Instruments TL082M Datasheet HTML 13Page - Texas Instruments TL082M Datasheet HTML 14Page - Texas Instruments TL082M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
–15 V
15 V
Output
1 kW
9.1 kW
3.3 kW
CF = 3.3 µF
RF = 100 kW
3.3 kW
1/2
TL082
f =
2 R C
p
F
F
1
R1
C1
C2
R3
C3
VCC–
VCC+
1/2
TL082
Output
Input
R2
R1 = R2 = 2(R3) = 1.5 MW
fo =
2 R1 C1
p
1
= 1 kHz
C1 = C2 =
= 110 pF
C3
2
Input
TL082
Output C
Output B
TL082
VCC+
Output A
TL082
VCC+
TL082
VCC+
100 kΩ
100 µF
1 µF
1 MΩ
100 kΩ
100 kΩ
100 kΩ
VCC+
VCC+
TL082-Q1
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS548 – SEPTEMBER 2007
Figure 20.
Figure 21.
Figure 22. Audio-Distribution Amplifier
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com