Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237B0CDML Arkusz danych(PDF) 1 Page - Torex Semiconductor

Numer części XC9237B0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237B0CDML Arkusz danych(HTML) 1 Page - Torex Semiconductor

  XC9237B0CDML Datasheet HTML 1Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 2Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 3Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 4Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 5Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 6Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 7Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 8Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
XC9235/XC9236/XC9237 Series
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
☆GreenOperation Compatible
■APPLICATIONS
●Mobile phones
●Bluetooth equipment
●PDAs, portable communication modem
●Portable games
●Digital cameras, video cameras
●Cordless phones
●Notebook computers
■TYPICAL APPLICATION CIRCUIT
ETR0514-007
■GENERAL DESCRIPTION
The XC9235/XC9236/XC9237 series is a group of synchronous-rectification type DC/DC converters with a built-in 0.42Ω
P-channel driver transistor and 0.52ΩN-channel switching transistor, designed to allow the use of ceramic capacitors. The ICs
enable a high efficiency, stable power supply with an output current of 600mA to be configured using only a coil and two
capacitors connected externally. Operating voltage range is from 2.0V to 6.0V. Output voltage is internally set in a range from
0.8V to 4.0V in increments of 50mV (accuracy: ±2.0%). With the built-in oscillator, ether 1.2MHz or 3.0MHz can be selected
for suiting to your particular application. As for operation mode, the XC9235 series is PWM control, the XC9236 series is
automatic PWM/PFM switching control and the XC9237 series can be manually switched between the PWM control mode and
the automatic PWM/PFM switching control mode, allowing fast response, low ripple and high efficiency over the full range of
loads (from light load to heavy load).
The soft start and current control functions are internally optimized. During stand-by, all circuits are shutdown to reduce
current consumption to as low as 1.0μA or less. With the built-in UVLO (Under Voltage Lock Out) function, the internal
P-channel driver transistor is forced OFF when input voltage becomes 1.4V or lower.
The XC9235B/XC9236B/XC9237B series provide short-time turn-on by the soft start function internally set in 0.25 ms (TYP).
The XC9235B(C)/XC9236B(C)/XC9237B(C) integrate CL auto discharge function which enables the electric charge at the output
capacitor CL to be discharged via the internal auto-discharge switch located between the LX and VSS pins. When the devices
enter stand-by mode, output voltage quickly returns to the VSS level as a result of this function.
Two types of package SOT-25 and USP-6C are available.
■FEATURES
P-ch Driver Transistor Built-In : ON resistance 0.42Ω
N-ch Driver Transistor Built-In : ON resistance 0.52Ω
Input Voltage
: 2.0V ~ 6.0V
Output Voltage
: 0.8V ~ 4.0V
High Efficiency
: 92% (TYP.)
Output Current
: 600mA
Oscillation Frequency
: 1.2MHz, 3.0MHz (+15%)
Maximum Duty Cycle
: 100%
Control Methods
: PWM (XC9235)
PWM/PFM Auto (XC9236)
PWM/PFM Manual (XC9237)
Soft-Start Circuit Built-In
Current Limiter Circuit Built-In (Constant Current & Latching)
Low ESR Ceramic Capacitor Compatible
Packages
: SOT-25, USP-6C
CL High Speed Discharge
(XC9235B(C)/XC9236B(C)/XC9237B(C) Series)
High Speed Soft Start
(XC9235B/XC9236B/XC9237B Series)
* Performance depends on external components and wiring on the PCB.
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Efficiency vs. Output Current(FOSC=1.2NHz, VOUT=1.8V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
PWM/PFM Automatic Sw itching Control
PWM Control
VIN= 4.2V
3.6V
2.4V
VIN= 4.2V
3.6V
2.4V


Podobny numer części - XC9237B0CDML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
XC9237B08C4R-G TOREX-XC9237B08C4R-G Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237B08CER TOREX-XC9237B08CER Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237B08CER-G TOREX-XC9237B08CER-G Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237B08CMR TOREX-XC9237B08CMR Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9237B08CMR TOREX-XC9237B08CMR Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results

Podobny opis - XC9237B0CDML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
1A Driver Transistor Built-In Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
600mA Synchronous Dual Output Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
36V Operation 600mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com