Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237B0CDML Arkusz danych(PDF) 19 Page - Torex Semiconductor

Numer części XC9237B0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237B0CDML Arkusz danych(HTML) 19 Page - Torex Semiconductor

Back Button XC9237B0CDML Datasheet HTML 15Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 16Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 17Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 18Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 19Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 20Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 21Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 22Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19/28
XC9235/XC9236/XC9237
Series
(4) Oscillation Frequency vs. Ambient Temperature
(5) Supply Current vs. Ambient Temperature
(6) Output Voltage vs. Ambient Temperature
(7) UVLO Voltage vs. Ambient Temperature
1.5
1.6
1.7
1.8
1.9
2.0
2.1
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
VIN=3.6V
0.0
0.3
0.6
0.9
1.2
1.5
1.8
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
CE=VIN
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=6.0V
VIN=4.0V
VIN=2.0V
0
5
10
15
20
25
30
35
40
-50
-25
0
255075
100
Ambient Temperature: Ta (℃)
VIN=6.0V
VIN=4.0V
VIN=2.0V
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=3.6V
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=3.6V
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)
XC9237A18C
L=4.7μH (NR4018), CIN=4.7μF, CL=10μF
XC9237A18D
L=1.5μH (NR3015), CIN=4.7μF, CL=10μF
XC9237A18C
XC9237A18D
XC9237A18D
XC9237A18D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com