Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237B0CDML Arkusz danych(PDF) 15 Page - Torex Semiconductor

Numer części XC9237B0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237B0CDML Arkusz danych(HTML) 15 Page - Torex Semiconductor

Back Button XC9237B0CDML Datasheet HTML 11Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 12Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 13Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 14Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 15Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 16Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 17Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 18Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15/28
XC9235/XC9236/XC9237
Series
●
The Range of L Value
FOSC
VOUT
L Value
3.0MHz
0.8V<VOUT<4.0V
1.0μH~2.2μH
VOUT≦2.5V
3.3μH~6.8μH
1.2MHz
2.5V<VOUT
4.7μH~6.8μH
*When a coil less value of 4.7μH is used at
FOSC=1.2MHz or when a coil less value of 1.5μH is
used at FOSC=3.0MHz, peak coil current more easily
reach the current limit ILMI. In this case, it may
happen that the IC can not provide 600mA output
current.
■NOTE ON USE (Continued)
14. In order to stabilize VIN’s voltage level and oscillation frequency, we recommend that a by-pass capacitor (CIN) be
connected as close as possible to the VIN & VSS pins.
15. High step-down ratio and very light load may lead an intermittent oscillation.
16. During PWM / PFM automatic switching mode, operating may become unstable at transition to continuous mode.
Please verify with actual parts.
17. Please note the inductance value of the coil. The IC may enter unstable operation if the combination of ambient
temperature, setting voltage, oscillation frequency, and L value are not adequate.
In the operation range close to the maximum duty cycle, The IC may happen to enter unstable output voltage operation
even if using the L values listed below.
<External Components>
18. It may happen to enter unstable operation when the IC operation mode goes into continuous operation mode under the
condition of small input-output voltage difference. Care must be taken with the actual design unit.
<External Components>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com