Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237B0CDML Arkusz danych(PDF) 13 Page - Torex Semiconductor

Numer części XC9237B0CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237B0CDML Arkusz danych(HTML) 13 Page - Torex Semiconductor

Back Button XC9237B0CDML Datasheet HTML 9Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 10Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 11Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 12Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 13Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 14Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 15Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 16Page - Torex Semiconductor XC9237B0CDML Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13/28
XC9235/XC9236/XC9237
Series
OPERATIONAL STATES
CE/MODE
VOLTAGE LEVEL
XC9235
XC9236
XC9237
H Level
(*1)
Synchronous
PWM Fixed Control
Synchronous
PWM/PFM
Automatic Switching
Synchronous
PWM/PFM
Automatic Switching
M Level
(*2)
━
━
Synchronous
PWM Fixed Control
L Level
(*3)
Stand-by
Stand-by
Stand-by
■FUNCTION CHART
Note on CE/MODE pin voltage level range
(*1) H level: 0.65V < H level < VIN V (for XC9235/XC9236)
H level: VIN – 0.25V < H level < VIN (for XC9237)
(*2) M level: 0.65V < M level < VIN - 1.0V (for XC9237)
(*3) L level: 0V < L level < 0.25V
<Soft Start>
Soft start time is available in two options via product selection.
The XC9235A/XC9236A/XC9237A/XC9235C/XC9236C/XC9237C series provide 1.0ms (TYP). The XC9225B/XC9236B/XC9237B series
provide 0.25ms (TYP). Soft start time is defined as the time to reach 90% of the output setting voltage when the CE pin is turned on.
■OPERATIONAL DESCRIPTION (Continued)
90% of setting voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com